Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

554JBXXXXXXBGR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 554JBXXXXXXBGR
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

554JBXXXXXXBGR Datasheet(HTML) 1 Page - Silicon Laboratories

  554JBXXXXXXBGR Datasheet HTML 1Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 2Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 3Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 4Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 5Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 6Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 7Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 8Page - Silicon Laboratories 554JBXXXXXXBGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Preliminary Rev. 0.31 8/01
Copyright © 2001 by Silicon Laboratories
Si5540-DS031
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si5540
SiPHYOC-192/STM-64 TRANSMITTER
Features
Complete SONET/SDH transmitter for OC-192/STM-64 data rates with integrated
16:1 multiplexer and DSPLLbased clock multiplier unit:
Applications
Description
The Si5540 is a fully integrated low-power transmitter for high-speed serial
communication systems. It combines high speed clock generation with a 16:1
multiplexer to serialize data for OC-192/STM-64 applications. The Si5540 is based
on Silicon Laboratories’ DSPLL
technology which eliminates the external loop
filter components required by traditional clock multiplier units. In addition,
selectable loop filter bandwidths are provided to ensure superior jitter performance
while relaxing the jitter requirements on external clock distribution subsystems.
Support for data streams up to 10.7 Gbps is also provided for applications that
employ forward error correction (FEC).
The Si5540 represents a new standard in low jitter, low power and small size for
10 Gbps serial transmitters. It operates from a single 1.8 V supply over the
industrial temperature range (–40
°C to 85°C).
Functional Block Diagram
Data Rates Supported: OC-192/STM-64,
10GbE, and 10.7 Gbps FEC
Low Power Operation 0.6 W (typ)
Small Footprint: 99-Pin BGA Package
(11 x 11 mm)
DSPLL™ Based Clock Multiplier Unit
w/ selectable loop filter bandwidths
OIF SFI-4 Compliant Interface
Output Clock Powerdown
Operates with 155 or 622 MHz
Reference Sources
Optional 3.3 V Supply Pin for
LVTTL Compatible Outputs
Single 1.8 V Supply Operation
Sonet/SDH/ATM Routers
Add/Drop Multiplexers
Digital Cross Connects
Optical Transceiver Modules
Sonet/SDH Test Equipment
TXDO U T
TXDIN [15:0]
TXCL K16O U T
FIF O RST
FIFO ER R
TXCL K16IN
TX M SBSEL
TXCL KO UT
TXSQ LC H
2
2
2
R EFC LK
TXLO L
D SPLL TM
CM U
TXC LKD SBL
2
TXC LK16IN
R EFSEL
BW SEL
2
32
16
REFRATE
Bias
R eset
Con trol
R EXT
RES ET
÷
Ordering Information:
See page 17.
Si5364
Bottom View
P RE LI M I NA RY D ATA S H EET


Similar Part No. - 554JBXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
554 MALLORY-554 Datasheet
148Kb / 4P
   HARLEY-DAVIDSON
logo
Oscilent Corporation
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
logo
Dialight Corporation
554-0001 DIALIGHT-554-0001 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-211 DIALIGHT-554-0001-211 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-411 DIALIGHT-554-0001-411 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 554JBXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com