Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42MX02-FTQ100M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A42MX02-FTQ100M
Description  40MX and 42MX FPGA Families
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A42MX02-FTQ100M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A42MX02-FTQ100M Datasheet HTML 3Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 4Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 5Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 6Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 7Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 8Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 9Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 10Page - List of Unclassifed Manufacturers A42MX02-FTQ100M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
40MX and 42MX FPGA Families
v6.0
1-1
40MX and 42MX FPGA Families
General Description
Actel's 40MX and 42MX families offer a cost-effective
design solution at 5V. The MX devices are single-chip
solutions
and
provide
high
performance
while
shortening the system design and development cycle.
MX
devices
can
integrate
and
consolidate
logic
implemented in multiple PALs, CPLDs, and FPGAs.
Example applications include high-speed controllers and
address decoding, peripheral bus interfaces, DSP, and co-
processor functions.
The MX device architecture is based on Actel’s patented
antifuse technology implemented in a 0.45µm triple-
metal CMOS process. With capacities ranging from 3,000
to 54,000 system gates, the MX devices provide
performance up to 250 MHz, are live on power-up and
have one-fifth the standby power consumption of
comparable FPGAs. Actel’s MX FPGAs provide up to 202
user I/Os and are available in a wide variety of packages
and speed grades.
Actel’s A42MX24 and A42MX36 devices also feature
MultiPlex I/Os, which support mixed-voltage systems,
enable programmable PCI, deliver high-performance
operation at both 5.0V and 3.3V, and provide a low-
power mode. The devices are fully compliant with the
PCI Local Bus Specification (version 2.1). They deliver
200 MHz on-chip operation and 6.1 ns clock-to-output
performance.
The 42MX24 and 42MX36 devices include system-level
features such as IEEE Standard 1149.1 (JTAG) Boundary
Scan Testing and fast wide-decode modules. In addition,
the
A42MX36
device
offers
dual-port
SRAM
for
implementing fast FIFOs, LIFOs, and temporary data
storage. The storage elements can efficiently address
applications requiring wide datapath manipulation and
can perform transformation functions such as those
required for telecommunications, networking, and DSP.
All MX devices are fully tested over automotive and
military temperature ranges. In addition, the largest
member of the family, the A42MX36, is available in both
CQ208 and CQ256 ceramic packages screened to MIL-
STD-883 levels. For easy prototyping and conversion from
plastic to ceramic, the CQ208 and PQ208 devices are pin-
compatible.
MX Architectural Overview
The MX devices are composed of fine-grained building
blocks that enable fast, efficient logic designs. All devices
within these families are composed of logic modules, I/O
modules, routing resources and clock networks, which
are the building blocks for fast logic designs. In addition,
the A42MX36 device contains embedded dual-port
SRAM modules, which are optimized for high-speed
datapath functions such as FIFOs, LIFOs and scratchpad
memory. A42MX24 and A42MX36 also contain wide-
decode modules.
Logic Modules
The 40MX logic module is an eight-input, one-output
logic circuit designed to implement a wide range of logic
functions with efficient use of interconnect routing
resources (Figure 1-1).
The logic module can implement the four basic logic
functions (NAND, AND, OR and NOR) in gates of two,
three, or four inputs. The logic module can also
implement a variety of D-latches, exclusivity functions,
AND-ORs and OR-ANDs. No dedicated hard-wired latches
or flip-flops are required in the array; latches and flip-
flops can be constructed from logic modules whenever
required in the application.
Figure 1-1 • 40MX Logic Module


Similar Part No. - A42MX02-FTQ100M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX02-FTQ100M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com