Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

554BCXXXXXXBGR Datasheet(PDF) 11 Page - Silicon Laboratories

Part # 554BCXXXXXXBGR
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

554BCXXXXXXBGR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button 554BCXXXXXXBGR Datasheet HTML 7Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 8Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 9Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 10Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 11Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 12Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 13Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 14Page - Silicon Laboratories 554BCXXXXXXBGR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
S i5540
Preliminary Rev. 0.31
11
Differential Output Circuitry
The Si5540 utilizes a current-mode logic (CML) architecture to drive the high speed serial output clock and data on
TXCLKOUT and TXDOUT. An example of output termination with ac coupling is shown in Figure 4. In applications
where direct dc coupling is possible, the 250 nF capacitors may be omitted. The differential peak-to-peak voltage
swing of the CML architecture is listed in Table 2 on page 5.
Figure 4. CML Output Driver Termination (TXCLKOUT, TXDOUT)
1.5 V
50
50
24 mA
Zo = 50
Zo = 50
50
50
VDD
VDD
250 nF
250 nF


Similar Part No. - 554BCXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
554 MALLORY-554 Datasheet
148Kb / 4P
   HARLEY-DAVIDSON
logo
Oscilent Corporation
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
logo
Dialight Corporation
554-0001 DIALIGHT-554-0001 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-211 DIALIGHT-554-0001-211 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-411 DIALIGHT-554-0001-411 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 554BCXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com