Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGB6124AG Datasheet(PDF) 8 Page - IXYS Corporation

Part # UGB6124AG
Description  High Voltage rectifiers Hochspannungs-gleichrichter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

UGB6124AG Datasheet(HTML) 8 Page - IXYS Corporation

Back Button UGB6124AG Datasheet HTML 4Page - IXYS Corporation UGB6124AG Datasheet HTML 5Page - IXYS Corporation UGB6124AG Datasheet HTML 6Page - IXYS Corporation UGB6124AG Datasheet HTML 7Page - IXYS Corporation UGB6124AG Datasheet HTML 8Page - IXYS Corporation UGB6124AG Datasheet HTML 9Page - IXYS Corporation UGB6124AG Datasheet HTML 10Page - IXYS Corporation UGB6124AG Datasheet HTML 11Page - IXYS Corporation UGB6124AG Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Dimensions in mm (1 mm = 0.0394")
Anode
Kathode
Features
q
Hermetically sealed Epoxy
q
Use in oil
q
Avalanche characteristics
Applications
q
X-Ray equipment
q
Electrostatic dust precipitators
q
Electronic beam welding
q
Lasers
q
Cable test equipment
Advantages
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
q
Series and parallel operation
ã 1997 IXYS All rights reserved
Data according to IEC 747-2
Symbol
Test Conditions
Ratings
I
F(RMS)
7A
I
F(AV)M
air self cooling,
T
amb
= 45°C
- without cooling plate
2.0
A
- with colling plate
2.5
A
forced air cooling:
v = 3 m/s,
T
amb
= 35°C
- without cooling plate
3.2
A
- with cooling plate
4.1
A
oil cooling,
T
amb
= 35°C
- without cooling plate
4.2
A
- with cooling plate
4.2
A
P
RSM
T
(vj) = 150°C;
t
p = 10 µs
2.5
kW
I
FSM
non repetitive, 50 c/s (for 60 c/s add 10%)
T
(vj) =
45°C;
t
p = 10 ms
120
A
T
(vj) = 150°C;
t
p = 10 ms
100
A
T
amb
-40...+150
°C
T
stg
-40...+150
°C
T
(vj)
150
°C
Weight
122
g
Symbol
Test Conditions
Characteristic Values
I
R
T
(vj) = 150°C;
V
R = VRRM
≤ 1
mA
V
F
I
F
=
7 A
6.25
V
T
(vj) =
25°C
V
TO
T
(vj) =
150°C
4.25
V
r
T
T
(vj) =
150°C
0.215
m
a
f
=
50Hz
5 x 9,81
m/s2
M
d
8Nm
High Voltage Rectifiers
V
RRM
= 8000 V
Hochspannungsgleichrichter
V
dT
= 1300 V
I
F(AV)M =
4.2 A
V
RRM
V
V(RMS)
V
dT
Standard
Power Designation
V
V
V
Types
8000
3000
1300
UGE 1112 AY4
Si-E 3000 / 1300-2.5
UGE 1112 AY4


Similar Part No. - UGB6124AG

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UGB-18GM50-255-2E1 PF-UGB-18GM50-255-2E1 Datasheet
435Kb / 5P
   Splice sensor
UGB-18GM50-255-2E3 PF-UGB-18GM50-255-2E3 Datasheet
425Kb / 5P
   Splice sensor
UGB-18GM50-255-2E3-M1 PF-UGB-18GM50-255-2E3-M1 Datasheet
438Kb / 5P
   Splice sensor
logo
PANDUIT CORP.
UGB-IN-SO PANDUIT-UGB-IN-SO Datasheet
105Kb / 1P
   RELEASED TO PRODUCTION
00
UGB-IN-SOUGB-B-SO PANDUIT-UGB-IN-SOUGB-B-SO Datasheet
105Kb / 1P
   RELEASED TO PRODUCTION
00
More results

Similar Description - UGB6124AG

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
SI-A1125 DIOTEC-SI-A1125 Datasheet
87Kb / 2P
   High Voltage Si-Rectifier Modules Si-Hochspannungs-Gleichrichter Module
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
P1000A DIOTEC-P1000A_07 Datasheet
62Kb / 2P
   Silicon-Rectifiers -Silizium-Gleichrichter
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
   Si-Rectifiers -Si-Gleichrichter
P600A DIOTEC-P600A_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com