Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGD6123AG Datasheet(PDF) 3 Page - IXYS Corporation

Part # UGD6123AG
Description  High Voltage rectifiers Hochspannungs-gleichrichter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

UGD6123AG Datasheet(HTML) 3 Page - IXYS Corporation

  UGD6123AG Datasheet HTML 1Page - IXYS Corporation UGD6123AG Datasheet HTML 2Page - IXYS Corporation UGD6123AG Datasheet HTML 3Page - IXYS Corporation UGD6123AG Datasheet HTML 4Page - IXYS Corporation UGD6123AG Datasheet HTML 5Page - IXYS Corporation UGD6123AG Datasheet HTML 6Page - IXYS Corporation UGD6123AG Datasheet HTML 7Page - IXYS Corporation UGD6123AG Datasheet HTML 8Page - IXYS Corporation UGD6123AG Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
IXYS reserve the right to change limits, test conditions and dimensions.
Contents/Inhalt
Page
Seite
Symbols and Definitions / Kurzzeichen und Begriffe
2
Typ
V
RRM
V
V(RMS)
I
F(AV)M
I
FSM
T
(vj)m
Weight Dimensions
45
°°°°°C
Gewicht
Maßbild
10 ms
VV
A
A
°°°°°C
UGB 3132 AD
4800
2250
1.3
60
150
150
1
UGB 6124 AG
10500
5000
1.0
50
150
300
1
UGD 6123 AG
7200
3300
1.8
50
150
300
2
UGD 8124 AG
10500
5000
1.2
50
150
300
2
1
2
Typ
a
b
c
d
e
f
g
h
i
k
UGB 3132 AD
80
70
57
58.5
260
6
15
15 15
UGB 6124 AG
135
125
112
58.5
260
11
32.5 25 32.5
UGB 6123 AG
135
125
112
58.5
260
8
30
18 18
30
UGB 8124 AG
135
125
112
58.5
260
8
30
18 18
30
Type
V
RRM
V
V(RMS)
I
F(AV)M
I
FSM
Typ
45
°C
10 ms
VV
A
A
UGB 3132 AD
4800
2250
1.3
60
3
UGB 6124 AG
10500
5000
1.0
50
3
UGD 6123 AG
7200
3300
1.8
50
3
UGD 8124 AG
10500
5000
1.2
50
3
UGE 0421 AY4
3200
1125
23/7.4
300
4 - 5
UGE 0221 AY4
4800
1750
10/3.8
180
6 - 7
UGE 1112 AY4
8000
3000
4.2/2.0
120
8 - 9
UGE 3126 AY4
24000
9000
2.0/0.8
70
10 - 11
UGB
Circuit configuration
Schaltbild
Technical data, application notes
/ Technische Daten, Applikationshinweise
12 - 13
Mounting instructions
/ Montagehinweise
15 - 15
IXYS International Sales Representatives
16
UGD
1~ / 3~ High Voltage Rectifier Modules
Hochspannungs-Gleichrichter-Module


Similar Part No. - UGD6123AG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGDT VISHAY-UGDT Datasheet
92Kb / 3P
   Micro Gate Drive Transformers
More results

Similar Description - UGD6123AG

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
SI-A1125 DIOTEC-SI-A1125 Datasheet
87Kb / 2P
   High Voltage Si-Rectifier Modules Si-Hochspannungs-Gleichrichter Module
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
P1000A DIOTEC-P1000A_07 Datasheet
62Kb / 2P
   Silicon-Rectifiers -Silizium-Gleichrichter
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
   Si-Rectifiers -Si-Gleichrichter
P600A DIOTEC-P600A_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com