Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L03IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT75L03IV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT75L03IV Datasheet HTML 6Page - Exar Corporation XRT75L03IV Datasheet HTML 7Page - Exar Corporation XRT75L03IV Datasheet HTML 8Page - Exar Corporation XRT75L03IV Datasheet HTML 9Page - Exar Corporation XRT75L03IV Datasheet HTML 10Page - Exar Corporation XRT75L03IV Datasheet HTML 11Page - Exar Corporation XRT75L03IV Datasheet HTML 12Page - Exar Corporation XRT75L03IV Datasheet HTML 13Page - Exar Corporation XRT75L03IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
XRT75L03
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
7
40
127
22
DMO_0
DMO_1
DMO_2
O
Drive Monitor Output - Channel 0:
Drive Monitor Output - Channel 1:
Drive Monitor Output - Channel 2:
These output signals are used to indicate some sort of fault condition within
the Transmit Output signal path.
This output pin will toggle "High" anytime the Transmit Drive Monitor cir-
cuitry either, via the corresponding MTIP and MRING input pins or inter-
nally, detects no bipolar pulses via the Transmit Output line signal (e.g., via
the TTIP_n and TRING_n output pins) for 128 bit-periods.
This output pin will be driven "Low" anytime the Transmit Drive Monitor cir-
cuitry has detected at least one bipolar pulse via the Transmit Output line
signal within the last 128 bit periods.
67
TxClkINV/
SClk
I
Hardware Mode: Transmit Clock Invert
Host Mode: Serial Clock Input:
Hardware mode
This input pin is used to select the edge of the TxCLK_n input that the
Transmit Section of all channels will use to sample the TPDATA_n and
TNDATA_n input pins.
Setting this input pin “High” configures all three Transmitters to sample the
TPData_n and TNData_n data on the rising edge of the TxClk_n .
Setting this input pin “Low” configures all three Transmitters to sample the
TPData_n and TNData_n data on the falling edge of the TxClk_n .
Host Mode
In the Host Mode this pin functions as SClk input pin please refer to the pin
descriptions for the Microprocessor interface.
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75L03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com