Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS6A24WP Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC25BS6A24WP
Description  Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS6A24WP Datasheet(HTML) 4 Page - Torex Semiconductor

  XC25BS6A24WP Datasheet HTML 1Page - Torex Semiconductor XC25BS6A24WP Datasheet HTML 2Page - Torex Semiconductor XC25BS6A24WP Datasheet HTML 3Page - Torex Semiconductor XC25BS6A24WP Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XC25BS6 Series
Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Preliminary
DC ELECTRICAL CHARACTERISTICS
XC25BS6xxxxx
3.0V Operation (unless otherwise stated, VDD=3.0V, fOSC=16MHz, No load, Ta=25
OC)
* External oscillation capacitor
AC ELECTRICAL CHARACTERISTICS
XC25BS6xxxxx
3.0V Operation (unless otherwise stated, VDD=3.0V, fOSC=16MHz, CL=15pF, Ta=25
OC)
*1 R&D guarantee
AC ELECTRICAL CHARACTERISTICS MEASUREMENT WAVE FORMS
(1) Output Rise Time , Output Fall Time
(2) Duty Cycle
M
K
V
MHz
V
V
0.5
1.6
M
µA
mA
µA
V
V
0.2
0.5
1.0
-
0.5
3.0
55
90
--
-
0.6
CE=0.3V
XT Pin, CE=/XT=3.0V
Q0 Pin, VDD=4.0V, CE=0V
-
22
-
CE=0V
CE=3.0V
-
(0.8)
(1.6)
-
(1.0)
(1.8)
-
0.5
2.4
-
(0.4)
(0.8)
-
(0.5)
(1.0)
2.3
-
-
-
-
0.4
(2.3)
3.0
4.0
2-
36
VDD=2.7V, IOL=4mA
CE=3.0V
fOSC=4MHz, XC25BS6128
fOSC=8MHz, XC25BS6256
fOSC=16MHz, XC25BS6512
fOSC=36MHz, XC25BS6A24
FUNCTIONS
Cf=Cd=10pF (External)
VDD=2.7V, IOH= - 4mA
UNIT
MIN
TYP
MAX
STANDARD VALUE
Rp1
Rp2
Rf
IOZ
IDD1
IDD2
VCEH
VCEL
CE Pull-Down Resistance 1
CE Pull-Down Resistance 2
Output Disable Leakage Current
Operating Supply Voltage
Supply Current 1
CE H Level Voltage
CE L Level Voltage
Internal Oscillation Feedback Resistance
Crystal Oscillation Frequency
H Level Output Voltage
L Level Output Voltage
Supply Current 2
PARAMETER
VDD
SYMBOL
fOSC
VOH
VOL
PARAMETER
SYMBOL
FUNCTIONS
STANDARD VALUE
UNIT
MIN
TYP
MAX
-
Output Rise Time
Tr
VDD=3.0V (10% to 90%) *1
-
Output Start Time
Ton
*1
-
50
55
Output Fall Time
Tf
VDD=3.0V (10% to 90%) *1
Duty Cycle
DUTY
45
3.0
-
%
10
15
ns
10
15
ns
ms
0.9VDD
0.1VDD
tr
tf
0.9VDD
0.1VDD
Semiconductor Ltd.
0.5VDD
DUTY Measurement Level
TW
T
DUTY = (TW/T) x 100 [%]
Data Sheet
4


Similar Part No. - XC25BS6A24WP

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6A24WL TOREX-XC25BS6A24WL Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6A24WR TOREX-XC25BS6A24WR Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6A24WT TOREX-XC25BS6A24WT Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6A24WW TOREX-XC25BS6A24WW Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
More results

Similar Description - XC25BS6A24WP

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com