Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

554HDXXXXXXBGR Datasheet(PDF) 7 Page - Silicon Laboratories

Part # 554HDXXXXXXBGR
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

554HDXXXXXXBGR Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button 554HDXXXXXXBGR Datasheet HTML 3Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 4Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 5Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 6Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 7Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 8Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 9Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 10Page - Silicon Laboratories 554HDXXXXXXBGR Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
S i5540
Preliminary Rev. 0.31
7
Table 3. AC Characteristics (TXCLK16OUT, TXCLK16IN, TXCLKOUT, TXDIN, TXDOUT)
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TXCLKOUT Frequency
fclkout
9.95
10.7
GHz
TXCLKOUT Duty Cycle
tch/tcp, Figure 2
45
55
%
Output Rise Time
(TXCLKOUT, TXDOUT)
tR
Figure 3
25
ps
Output Fall Time
(TXCLKOUT, TXDOUT)
tF
Figure 3
25
ps
TXCLKOUT Setup to TXDOUT
tsu
Figure 2
25
ps
TXCLKOUT Hold From TXDOUT
thd
Figure 2
25
ps
Output Return Loss
400 kHz–10 GHz
10 GHz–16 GHz
TBD
TBD
dB
dB
TXCLK16OUT Frequency
fCLKIN
Figure 2
622
667
MHz
TXCLK16OUT Duty Cycle
tch/tcp, Figure 2
40
60
%
TXCLK16OUT Rise & Fall Times
tR, tF
100
300
ps
TXDIN Setup to TXCLK16IN
tDSIN
300
ps
TXDIN Hold from TXCLK16IN
tDHIN
300
ps
TXCLK16IN Frequency
fCLKIN
622
667
MHz
TXCLK16IN Duty Cycle
tch/tcp, Figure 2
40
60
%
TXCLK16IN Rise & Fall Times
tR, tF
100
300
ps
Table 4. AC Characteristics (Clock Multiplier Characteristics)
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Jitter Generation—Deterministic
JDET(PP)
PRBS-23
0.020
TBD
UIPP
Jitter Generation—Random
JGEN(RMS)
—0.005
TBD
UIRMS
Jitter Transfer Bandwidth
JBW
BWSEL = 0
12
kHz
BWSEL = 1
50
kHz
Jitter Transfer Peaking
0.05
0.1
dB
Acquisition Time
TAQ
Valid REFCLK
15
20
ms
Input Reference Clock Frequency
RCFREQ
REFRATE = 1
622
667
MHz
REFRATE = 0
155
167
MHz
Input Reference Clock Duty
Cycle
RCDUTY
40
60
%
Input Reference Clock Frequency
Tolerance
RCTOL
–100
100
ppm
Note:
Bellcore specifications: GR-1377-CORE, Issue 5, December 1998.


Similar Part No. - 554HDXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
554 MALLORY-554 Datasheet
148Kb / 4P
   HARLEY-DAVIDSON
logo
Oscilent Corporation
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
logo
Dialight Corporation
554-0001 DIALIGHT-554-0001 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-211 DIALIGHT-554-0001-211 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-411 DIALIGHT-554-0001-411 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 554HDXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com