Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

554GEXXXXXXBGR Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 554GEXXXXXXBGR
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

554GEXXXXXXBGR Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 554GEXXXXXXBGR Datasheet HTML 4Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 5Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 6Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 7Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 8Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 9Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 10Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 11Page - Silicon Laboratories 554GEXXXXXXBGR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si 5540
8
Preliminary Rev. 0.31
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.0
V
LVTTL Input Voltage
VDD33
–0.5 to 3.6
V
Differential Input Voltages
VDIF
–0.3 to (VDD+ 0.3)
V
Maximum Current any output PIN
±50
mA
Operating Junction Temperature
TJCT
–55 to 150
°C
Storage Temperature Range
TSTG
–55 to 150
°C
Package Temperature
(soldering 10 seconds)
275
°C
ESD HBM Tolerance (100 pf, 1.5 k
Ω)TBD
V
Note:
Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
ϕ
JA
Still Air
35
°C/W


Similar Part No. - 554GEXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
554G-01AILF RENESAS-554G-01AILF Datasheet
322Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
051310
554G-01AILFT RENESAS-554G-01AILFT Datasheet
322Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
051310
More results

Similar Description - 554GEXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com