Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSES000 Datasheet(PDF) 1 Page - Semikron International

Part # FUSES000
Description  FUSES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

FUSES000 Datasheet(HTML) 1 Page - Semikron International

  FUSES000 Datasheet HTML 1Page - Semikron International FUSES000 Datasheet HTML 2Page - Semikron International FUSES000 Datasheet HTML 3Page - Semikron International FUSES000 Datasheet HTML 4Page - Semikron International FUSES000 Datasheet HTML 5Page - Semikron International FUSES000 Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Fuses 000
© by SEMIKRON 15-03-2004
Fuses 000
1999
Fuses 000
1) total height H = 38 ,5 mm
2)
µ-switch 30137972, total height G = 55 mm
Types1)
visual
indication
Types
for micro-
switch 2)
Size Nom. current
IN
A
Nom. voltage
UN
V
i2t
at UN
A2s
Losses
at IN
W
30119541
30140923
000
32
660
270
10
30119551
30140924
40
460
12
30119561
30140925
50
730
14
30138821
30140926
63
1.500
16
30119571
30140927
80
2.500
21
30119581
30140928
100
4.200
23
30119591
30140929
125
8.900
26
30119601
30140931
160
16.000
31
30140914
30140932
200
31.500
36
30140915
30140933
250
52.000
45
30140916
30140934
315
82.000
58
30140948
30140935
350
500
110.000
58
30140917
30140936
400
160.000
66
Fig. 1 i2t coefficient multiplier vs. application voltage
0
0,2
0,4
0,6
0,8
1
1,2
0
200
400
600
U
N(V )
K
Fuses 000


Similar Part No. - FUSES000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FUSESTRIPS177 LITTELFUSE-FUSESTRIPS177 Datasheet
161Kb / 1P
   FUSE STRIPS 177 80V HIGH-AMP BOLT-DOWN STRIP FUSE HOLDER
2021
FUSESTRIPS48V LITTELFUSE-FUSESTRIPS48V Datasheet
534Kb / 1P
   FUSE STRIPS RATED 48V - SPECIAL PURPOSE FUSES
More results

Similar Description - FUSES000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
382 LITTELFUSE-382 Datasheet
92Kb / 2P
   SUBMINIATURE FUSES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com