Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS6A24ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC25BS6A24ML
Description  Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS6A24ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC25BS6A24ML Datasheet HTML 1Page - Torex Semiconductor XC25BS6A24ML Datasheet HTML 2Page - Torex Semiconductor XC25BS6A24ML Datasheet HTML 3Page - Torex Semiconductor XC25BS6A24ML Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XC25BS6 Series
Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
September 17, 2003 V1
Preliminary
CMOS
Low Power Consumption
APPLICATIONS
Low Operating Supply Voltage
2.3V (MIN.)
Crystal Oscillation Modules
Output Frequency
32.768kHz
Clocks for Micro-computers, DSPs, etc.
Oscillation Frequency
2MHz ~ 36MHz (fundamental)
Communication Equipment
Built-In Divider Circuit
Selectable from divisions of
Various System Clocks
1024, 512, 256, 128
Clock Time-Base
Output
3-State
Ultra Small Package
SOT-26
Chip Form
GENERAL DESCRIPTION
FEATURES
Oscillation Frequency
2MHz ~ 36MHz (fundamental)
- Oscillation feedback resistor built-in
- External oscillation capacitor
Divider Ratio
f0/1024, f0/ 512, f0/256, f0/128
Output
3-State
Operating Supply
2.3 ~ 4.0V
Voltage Range
Supply Current
0.5
µA (MAX.) when stand-by mode
Chip Form
Chip size 1.3 x 0.8mm
Package
SOT-26 mini mold
PIN CONFIGURATION
PIN ASSIGNMENT
* The stand-by control pin (pin #4) has a pull-down resistor built-in.
PAD LAYOUT FOR CHIP FORM
PAD LOCATIONS
(Unit:
µm)
* The stand-by control pin (pin #4) has a pull-down resistor built-in.
BLOCK DIAGRAM
CE, Q0 PIN FUNCTION
'L' or Open
High Impedance
Q0
Clock Output
5
399.0
CE
'H'
9
VDD
Power Supply
189.0
1172.0
430.0
4
VSS
Ground
952.0
3
(NC)
No Connection
741.0
PIN NUMBER
PIN
NAME
FUNCTIONS
1
/ XT
Crystal Oscillator
Connection (Output)
VSS
Ground
Q0
187.0
PAD DIMENSIONS
X
Y
672.0
672.0
672.0
128.0
610.0
328.0
672.0
1172.0
1172.0
CE
VDD
FUNCTIONS
Crystal Oscillator
Connection (Output)
Ground
Stand-by Control *
Power Supply
Clock Output
7
6
Power Supply
Crystal Oscillator
Connection (Input)
1
6XT
VSS
Q0
2
3
4
5
VDD
Clock Output
Stand-by Control *
2
CE
PIN
NAME
/ XT
PIN NUMBER
8
128.0
Crystal Oscillator
Connection (Input)
XT
128.0
Semiconductor Ltd.
The XC25BS6 is a low operating voltage, low current consumption
series of CMOS ICs with built-in crystal oscillator and divider circuits
designed for clock generators. Oscillation capacitors Cg and Cd are
externally set up.
Output is selectable from any one of the following values for f0:f0/1024,
f0/512, f0/256, and f0/128.
With oscillation feedback resistors built-in, it is possible to configure a
stable fundamental oscillator using about 10pF of external oscillation
capacitor and an external crystal.
The series has a stand-by function. The oscillation completely stops in
the stand-by state and output will be one of high-impedance.
6
5
4
3
2
1
/XT
VSS
Q0
XT
VDD
CE
VDD
Q0
CE
XT
/XT
VSS
VSS
(NC)
VDD
(1300,800)
(0,0)
Chip Size
Chip Thickness
Chip Back
Pad Aperture
: 1300 x 800
µm
: 280
±20µm
: VDD level
: 88 x 88
µm
Note)
There are two VSS
pads and two VDD
pads. Please connect
both VSS pads to
GND, and connect
both VDD pads to a
power supply.
Counter
VDD
/XT
XT
VSS
Q0
CE
Data Sheet
1


Similar Part No. - XC25BS6A24ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6A24ML TOREX-XC25BS6A24ML Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
More results

Similar Description - XC25BS6A24ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com