Electronic Components Datasheet Search |
|
HDSP-334Y-JJ200 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HDSP-334Y-JJ200 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 14 page Description This 7.62 mm (0.3 inch) LED seven-segment display uses industry standard size package and pinout. The device is available in either common anode Agilent HDSP-331x/332E/333x/334x Series 7.62 mm (0.3 inch) General Purpose Seven-Segment Display Data Sheet Features • Industry standard size • Industry standard pinout 7.62 mm (0.4 inch) character height DIP lead on 2.54 mm • Choice of colors High Efficiency Red (HER), Green, AlGaAs Red, and Yellow • Excellent appearance Evenly lighted segments gray pack- age gives optimum contrast ± 50° viewing angle • Design flexibility Common anode or common cathode Single digit Left and right hand decimal point • Categorized for luminous intensity Green and yellow categorized for color Applications • Suitable for indoor use • Not recommended for industrial application, i.e., operating temperature requirements exceeding +85˚C or below –25˚C[1] • Extreme temperature cycling not recommended Note: 1. For additional details, please contact your local Agilent sales office or an authorized distributor. Devices HER Green AlGaAs Red Yellow Description Package Drawing HDSP-331E HDSP-331G HDSP-331A HDSP-331Y Common Anode, Right Hand and A Left Hand Decimal HDSP-332E Common Anode, Right Hand and Left A Hand Decimal without Pin 4, 5 and 12 HDSP-333E HDSP-333G HDSP-333A HDSP-333Y Common Cathode, Right Hand B Decimal HDSP-334E HDSP-334G HDSP-334A HDSP-334Y Common Cathode, Right Hand Decimal C or common cathode. The choice of colors includes High Efficiency Red (HER), Green, AlGaAs Red, and Yellow. The gray face displays are suitable for indoor use. |
Similar Part No. - HDSP-334Y-JJ200 |
|
Similar Description - HDSP-334Y-JJ200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |