Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750X7R2E333MT Datasheet(PDF) 1 Page - TDK Electronics

Part # C5750X7R2E333MT
Description  Ceramic Capacitors For Mid Voltage SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750X7R2E333MT Datasheet(HTML) 1 Page - TDK Electronics

  C5750X7R2E333MT Datasheet HTML 1Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 2Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 3Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 4Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 5Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 6Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 7Page - TDK Electronics C5750X7R2E333MT Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• All specifications are subject to change without notice.
(1/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
FEATURES
• The unique design structure for mid voltage enables a compact
size with high voltage resistance.
• Rated voltage Edc: 100, 250 and 630V.
• C3225, C4532 and C5750 types are specific to reflow soldering.
APPLICATIONS
Snapper circuits for switching power supply, ringer circuits for tele-
phone and modem, or other general high voltage circuits.
SHAPES AND DIMENSIONS
Dimensions in mm
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Capacitance temperature characteristics
Class 1 (Temperature compensation)
Class 2 (Temperature stable and general purpose)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Packaging style
Type
L
W
T
C1608
1.6±0.1
0.8±0.1
0.8±0.1
C2012
2.0±0.2
1.25±0.2
0.6±0.1
0.85±0.15
1.25±0.2
C3216
3.2±0.2
1.6±0.2
0.6±0.1
0.85±0.15
1.15±0.15
1.3±0.2
1.6±0.2
C3225
3.2±0.4
2.5±0.3
1.25±0.2
1.6±0.2
2.0±0.2
C4532
4.5±0.4
3.2±0.4
1.6±0.2
2.0±0.2
2.3±0.2
2.5±0.3
3.2±0.4
C5750
5.7±0.4
5.0±0.4
1.6±0.2
2.3±0.2
L
1608
1.6
×0.8mm
2012
2.0
×1.25mm
3216
3.2
×1.6mm
3225
3.2
×2.5mm
4532
4.5
×3.2mm
5750
5.7
×5.0mm
Temperature
characteristics
Capacitance change
Temperature range
C0G
0±30ppm/°C
–55 to +125°C
Temperature
characteristics
Capacitance change
Temperature range
X7R
±15%
–55 to +125°C
2A
100V
2E
250V
2J
630V
102
1000pF
333
33000pF
474
470000pF
J±5%
K±10%
M±20%
T
Taping (reel)
BBulk
C2012 JB 2E 102 K
(1)
(2)
(3) (4) (5) (6) (7)


Similar Part No. - C5750X7R2E333MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R2E334K TDK-C5750X7R2E334K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C5750X7R2E334K160KA TDK-C5750X7R2E334K160KA Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C5750X7R2E334K160KA TDK-C5750X7R2E334K160KA_17 Datasheet
237Kb / 3P
   Multilayer Ceramic Chip Capacitors
C5750X7R2E334K160KM TDK-C5750X7R2E334K160KM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C5750X7R2E334M TDK-C5750X7R2E334M Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
More results

Similar Description - C5750X7R2E333MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3H050DGM PANASONIC-ECCT3H050DGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com