Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HCT241A Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74HCT241A
Description  OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT241A Datasheet(HTML) 2 Page - Integral Corp.

  IN74HCT241A Datasheet HTML 1Page - Integral Corp. IN74HCT241A Datasheet HTML 2Page - Integral Corp. IN74HCT241A Datasheet HTML 3Page - Integral Corp. IN74HCT241A Datasheet HTML 4Page - Integral Corp. IN74HCT241A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IN74HCT241A
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±35
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10
Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to
GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
0
500
ns
This device contains protection circuitry to guard against damage due to high static
voltages or electric fields. However, precautions must be taken to avoid applications of any voltage
higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and
VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or
VCC). Unused outputs must be left open.


Similar Part No. - IN74HCT241A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT241A IKSEMICON-IN74HCT241A Datasheet
225Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT241ADW IKSEMICON-IN74HCT241ADW Datasheet
225Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT241AN IKSEMICON-IN74HCT241AN Datasheet
225Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HCT241A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HCT244A INTEGRAL-IN74HCT244A Datasheet
65Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT244 INTEGRAL-IN74ACT244 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC541A ONSEMI-MC74HC541A_14 Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
logo
Integral Corp.
IN74LS244 INTEGRAL-IN74LS244 Datasheet
241Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com