Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74LS161N Datasheet(PDF) 6 Page - Integral Corp.

Part # IN74LS161N
Description  Synchronous 4 Bit Counters; Binary, Direct Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS161N Datasheet(HTML) 6 Page - Integral Corp.

  IN74LS161N Datasheet HTML 1Page - Integral Corp. IN74LS161N Datasheet HTML 2Page - Integral Corp. IN74LS161N Datasheet HTML 3Page - Integral Corp. IN74LS161N Datasheet HTML 4Page - Integral Corp. IN74LS161N Datasheet HTML 5Page - Integral Corp. IN74LS161N Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IN74LS161
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
6


Similar Part No. - IN74LS161N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LS161 IKSEMICON-IN74LS161 Datasheet
267Kb / 6P
   Internal Look-Ahead for Fast Counting
More results

Similar Description - IN74LS161N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LS161 SLS-SL74LS161 Datasheet
46Kb / 5P
   Synchronous 4 Bit Counters; Binary, Direct Reset
logo
KODENSHI_AUK CORP.
KK74LS161 KODENSHI-KK74LS161 Datasheet
355Kb / 6P
   Synchronous 4 Bit Counters; Binary, Direct Reset
logo
Hitachi Semiconductor
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
   Synchronous 4-bit Binary Counters(direct clear)
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com