Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6100250 Datasheet(PDF) 6 Page - Semikron International

Part # L6100250
Description  EVALUATION BOARD 3S SKYPER 32PRO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100250 Datasheet(HTML) 6 Page - Semikron International

Back Button L6100250 Datasheet HTML 2Page - Semikron International L6100250 Datasheet HTML 3Page - Semikron International L6100250 Datasheet HTML 4Page - Semikron International L6100250 Datasheet HTML 5Page - Semikron International L6100250 Datasheet HTML 6Page - Semikron International L6100250 Datasheet HTML 7Page - Semikron International L6100250 Datasheet HTML 8Page - Semikron International L6100250 Datasheet HTML 9Page - Semikron International L6100250 Datasheet HTML 10Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Board 3s SKYPER™ 32PRO - Technical Explanations
6 / 12
2005-06-08 – Rev02
© by SEMIKRON
Signal IF_CMN_nHALT
The Halt Logic Signals PRIM_HALT_IN and PRIM_HALT_OUT of the driver core are coupled to one bidirectional
signal (IF_CMN_nHALT) with dominant recessive behaviour. IF_CMN_nHALT shows the driver core status.
When IF_CMN_nHALT is HIGH (recessive), the driver core is ready to operate. When IF_CMN_nHALT is LOW
(dominant), the driver core is disabled / not ready to operate because of e. g. detected failure or driver core
system start.
A controller can hold with the IF_CMN_nHALT signal the driver core in a safe state (e.g. during a start up of a
system or gathered failure signal of other hardware) or generate a coeval release of paralleled driver.
Furthermore, paralleled drivers can send and receive IF_CMN_nHALT signals among each other by using a
single-wire bus.
Connection IF_CMN_nHALT
Setting Dead Time
DT adjustment
Designation
Pattern Name
Setting
R43
(connected to GND)
0603
PRIM_CFG_TDT2_IN
Factory setting: 0Ω
R44
(connected to GND)
0603
PRIM_CFG_SELECT_IN
Factory setting: not equipped
R45
(connected to GND)
0603
PRIM_CFG_TDT3_IN
Factory setting: 0Ω
R46
(connected to GND)
0603
PRIM_CFG_TDT1_IN
Factory setting: not equipped
Factory setting: 4µs
Setting Dynamic Short Circuit Protection
RCE & CCE
Designation
Pattern Name
Setting
R162
1206
RCE
Factory setting: not equipped
TOP
C150
1206
CCE
Factory setting: not equipped
TOP
R262
1206
RCE
Factory setting: not equipped
BOT
C250
1206
CCE
Factory setting: not equipped
BOT


Similar Part No. - L6100250

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
More results

Similar Description - L6100250

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
L6100260 SEMIKRON-L6100260 Datasheet
500Kb / 12P
   EVALUATION BOARD 4S SKYPER 32PRO
L6100240 SEMIKRON-L6100240 Datasheet
482Kb / 11P
   EVALUATION BOARD 2S SKYPER 32PRO
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100200 SEMIKRON-L6100200 Datasheet
589Kb / 16P
   SKYPER 32PRO
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com