Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTX20-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CTX20-1
Description  1.0MHz Inverting DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CTX20-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  CTX20-1 Datasheet HTML 1Page - Microsemi Corporation CTX20-1 Datasheet HTML 2Page - Microsemi Corporation CTX20-1 Datasheet HTML 3Page - Microsemi Corporation CTX20-1 Datasheet HTML 4Page - Microsemi Corporation CTX20-1 Datasheet HTML 5Page - Microsemi Corporation CTX20-1 Datasheet HTML 6Page - Microsemi Corporation CTX20-1 Datasheet HTML 7Page - Microsemi Corporation CTX20-1 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Microsemi
Microsemi Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2002
Rev. 3.0a, 2005-03-14
LX1734
1.0MHz Inverting DC/DC Converter
TM
®
DESCRI PTI O N
The LX1734 is an inverting
DC/DC current-mode controller. With
a 750mA integrated switch, the
LX1734 can generate large output
currents in a small footprint.
The
LX1734 minimizes external com-
ponent size and cost by implementing
a
high
switching
frequency
of
1.0MHz, while generating -5V at
250mA.
When configured in the dual
inductor inverting topology very low
output voltage ripple approaching
1mVP-P can be achieved when used in
conjunction
with
ceramic
output
capacitors. The dual inductor can be
implemented as a coupled or separate
cores.
Fixed frequency operation ensures a
clean output free from low frequency
noise typically present with charge pump
solutions. The low impedance output
remains within 1% of nominal during
large load steps. The 18V switch allows
high voltage outputs to be generated.
The LX1734 is available in the space
saving
6-lead
3x3
Jedec
MO-229
package, which has the same footprint
and lead spacing as the SOT-23A. A
complete inverter function utilizes less
than 0.32 inches of PCB space.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Fixed Frequency 1.0MHz
Operation
Very Low Noise: 1mVP-P Output
Ripple Possible With Cuk
Topology
Stable Operation With Ceramic or
Tantalum Capacitors
-5V at 250mA from 5V Input
Uses Small Surface Mount L/C
Components
Wide Input Range: 4.2V to 8V
Low VCESAT Switch: 600mV at
600mA
6-Lead 3x3mm JEDEC MLPM
Package
Functionally Compatible with
LT1611 or LT1931
APPLICATIONS/BENEFITS
Disk Drive MR Head Bias
Digital Camera CCD Bias
LCD Bias
GaAs FET Bias
Local -5V or -12V Supplies
PRODUCT H I GHLIGHT
C1
10
µF
V
IN = 5V
LX1734
V
IN
SW
L1A
22
µH
GND
NFB
C2
1
µF
R2
10k
R1
29.4k
L1B
22
µH
C3
22
µF
V
OUT = -5V
@ 150mA
C4
1000pF
Note: L1A and L1B are shown as coupled. Individual inductors can also be used.
C1, C2, C3 are ceramic capacitors
SD
Figure 1
PACKAGE ORDER INFO
LM
Plastic MLPL
6-Pin
TA (
°C)
RoHS Compliant / Pb-free
Transition DC: 0452
0 to 85
LX1734CLM
Note: Available in Tape & Reel. Append the letters “TR” to the
part number. (i.e. LX1734CLM-TR)


Similar Part No. - CTX20-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX20-1 COOPER-CTX20-1 Datasheet
461Kb / 8P
   Power Inductors and Transformers
CTX20-1-52-R COOPER-CTX20-1-52-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Eaton All Rights Reserv...
CTX20-1-52-R EATON-CTX20-1-52-R Datasheet
423Kb / 6P
   Toroid power inductors
logo
Cooper Bussmann, Inc.
CTX20-1-52LP-R COOPER-CTX20-1-52LP-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Eaton All Rights Reserv...
CTX20-1-52LP-R EATON-CTX20-1-52LP-R Datasheet
423Kb / 6P
   Toroid power inductors
More results

Similar Description - CTX20-1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
   1.0MHz STEP-UP DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
   1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com