Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375C48E300BS Datasheet(PDF) 7 Page - Vicor Corporation

Part # V375C48E300BS
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C48E300BS Datasheet(HTML) 7 Page - Vicor Corporation

  V375C48E300BS Datasheet HTML 1Page - Vicor Corporation V375C48E300BS Datasheet HTML 2Page - Vicor Corporation V375C48E300BS Datasheet HTML 3Page - Vicor Corporation V375C48E300BS Datasheet HTML 4Page - Vicor Corporation V375C48E300BS Datasheet HTML 5Page - Vicor Corporation V375C48E300BS Datasheet HTML 6Page - Vicor Corporation V375C48E300BS Datasheet HTML 7Page - Vicor Corporation V375C48E300BS Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 7 of 8
Set your site on VICOR at www.vicorpower.com
5
6
7
4
3
2
1
(REF)
0.080
2,03
DIA. (7X)
0.21
5,2
0.27
6,9
(2X)
1.04
26,4
1.45
36,8
0.275
6,99
0.800
20,32
0.525
13,34
0.400
10,16
0.12*
3,1
0.20**
5,08
FULL R (6X)
0.15
3,81
CHAMFER
(REF.)
(6X)
0.65
16,5
0.49
12,4
1.30
33,0
2.28
57,9
1.45
36,8
0.13
3,3
0.06
1,5
R
(3X)
0.01
X 45˚
Use a
4-40 Screw (6x)
Torque to:
5 in-lbs
0.57 N-m
0.54
13,7
0.43
10,9
Long Pin
0.62
15,7
Short Pin
(7X)
(7X)
Slotted (Style 1)
or
Threaded (Style 2)
4-40 UNC-2B (6X)
or
Thru Hole (Style 3)
#30 Drill Thru (6X)
(0.1285)
ALUMINUM
BASEPLATE
12,7
±0,5
0.50
±0.02
* Style 1 baseplate only
** Style 2 & 3 baseplates
*** Reserved for Vicor accessories. Not for mounting
Center line
style 2 & 3
baseplates only
(4X)***
0.490
±.015
12,45
±0,38
(REF)
2.000
50,80
0.235
±.015
5,97
±0,38
(REF)
0.350
±.015
8,89
±0,38
(REF)
1.27
32,3
0.09
2,3
Pin CL
Pin CL
CL
MECHANICAL DRAWINGS
23
6
1
7
4
5
PLATED
THRU HOLE
DIA
±0,08
*DENOTES TOL =
±0.003
0.133
3,38
1.734**
44,04
.400*
10,16
1.140**
28,96
0.170*
4,32
0.800*
20,32
0.525*
13,34
0.275*
6,99
2.000*
50,80
0.06
1,5
R
(4X)
INBOARD
SOLDER
MOUNT
SHORT PIN STYLE
0.094
±0.003
2,39
±0,08
0.43
10,9
(7X)
**PCB WINDOW
PCB THICKNESS
0.062
±0.010
1,57
±0,25
0.53
13,5
ONBOARD
SOLDER
MOUNT
LONG PIN STYLE
0.094
±0.003
2,39
±0,08
Unless otherwise specified,
dimensions are in inches
mm
Decimals
Tol.
Angles
0.XX
±0.01
±0.25
±1°
0.XXX
±0.005
±0.127
PCB MOUNTING SPECIFICATIONS
PINS STYLES
SOLDER:TIN/LEAD
HOT SOLDER DIPPED
MODUMATE: GOLD PLATED COPPER
ALUMINUM
BASEPLATE
ALL MARKINGS
THIS SURFACE
MODULE OUTLINE
Converter Pins
No.
Function
Label
1
+In
+
2
Primary
PC
Control
3
Parallel
PR
4
–In
5
–Out
6
Secondary
SC
Control
7+Out
+


Similar Part No. - V375C48E300BS

ManufacturerPart #DatasheetDescription
logo
Powerbox
V375C48E500B POWERBOX-V375C48E500B Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V375C48E500B2 POWERBOX-V375C48E500B2 Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V375C48E500B3 POWERBOX-V375C48E500B3 Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V375C48E500BF POWERBOX-V375C48E500BF Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V375C48E500BF2 POWERBOX-V375C48E500BF2 Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
More results

Similar Description - V375C48E300BS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com