Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300A12E300BS1 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V300A12E300BS1
Description  FasTrak Maxi E-Grade Family DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300A12E300BS1 Datasheet(HTML) 5 Page - Vicor Corporation

  V300A12E300BS1 Datasheet HTML 1Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 2Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 3Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 4Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 5Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 6Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 7Page - Vicor Corporation V300A12E300BS1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Maxi E-Grade Family
Rev. 1.1
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
+Out
+S
SC
–S
–Out
RU
Trim Up
Load
Error
Amp
1k
Ω
1.23V
0.033
μF
Load
+Out
+S
SC
–S
–Out
RD
Trim Down
Error
Amp
1k
Ω
1.23V
0.033
μF
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Sense pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Sense pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage
protection circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.html.
Resistor values can be calculated for fixed trim up, fixed
trim down and for variable trim up or down cases for both
1st and 2nd Generation DC-DC converters.
In addition to trimming information, the web site and the
Applications Manual also include design tips, applications
circuits, EMC suggestions, thermal design guidelines and
PDF data sheets for all available Vicor products.


Similar Part No. - V300A12E300BS1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12E300BS1 VICOR-V300A12E300BS1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V300A12E300BS1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com