Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6F2008T2E-YF70 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K6F2008T2E-YF70
Description  256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2008T2E-YF70 Datasheet(HTML) 7 Page - Samsung semiconductor

  K6F2008T2E-YF70 Datasheet HTML 1Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 2Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 3Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 4Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 5Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 6Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 7Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 8Page - Samsung semiconductor K6F2008T2E-YF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Revision 0.0
K6F2008T2E Family
7
June 2003
CMOS SRAM
Preliminary
TIMING WAVEFORM OF WRITE CYCLE(2) (CS1 Controlled)
Address
CS1
tWC
tWR(4)
tAS(3)
tDW
tDH
Data Valid
WE
Data in
Data out
High-Z
High-Z
CS2
tCW(2)
tWP(1)
tAW
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled)
Address
CS1
tCW(2)
tWR(4)
CS2
tWP(1)
tDW
tDH
tOW
tWHZ
Data Undefined
Data Valid
WE
Data in
Data out
tWC
tAW
tAS(3)


Similar Part No. - K6F2008T2E-YF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E-F SAMSUNG-K6F2008S2E-F Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008U2E-EF55 SAMSUNG-K6F2008U2E-EF55 Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008U2E-EF70 SAMSUNG-K6F2008U2E-EF70 Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008U2E-YF55 SAMSUNG-K6F2008U2E-YF55 Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F2008T2E-YF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2008U2E SAMSUNG-DS_K6F2008U2E Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com