Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4360S Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4360S
Description  10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4360S Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4360S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4360S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4360S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4360S Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4360S Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4360S Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4360S Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
4360
10 AMP, 55V, 3 PHASE
MOSFET BRUSHLESS
MOTOR CONTROLLER
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4360 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in an electrically isolated
hermetic package. The hybrid is capable of 10 amps of output current and 55 volts of DC bus voltage. It has the
normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation
circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control.
When PWM'ing, the transistors are modulated in locked anti-phase mode for the tightest control and the most
bandwidth. Provisions for applying different compensation schemes are included. The MSK 4360 has good thermal
conductivity of the MOSFET's due to isolated substrate/package design that allows direct heat sinking of the hybrid
without insulators.
FEATURES:
55 Volt Motor Supply Voltage
10 Amp Output Switch Capability
100% Duty Cycle High Side Conduction Capable
Shoot-Through/Cross Conduction Protection
Hall Sensing and Commutation Circuitry on Board
Internal ±15 Volt Regulators
"Real" Four Quadrant Torque Control Capability
Good Accuracy Around the Null Torque Point
Isolated Package for High Voltage Isolation Plus Good Thermal Transfer
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control
Servo Control
Fin Actuator Control
MIL-PRF-38534 QUALIFIED
Rev. G 11/01
1
Gimbal Control
AZ-EL Control


Similar Part No. - MSK4360S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360HD ANAREN-MSK4360HD Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360HS ANAREN-MSK4360HS Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360HU ANAREN-MSK4360HU Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360_15 Datasheet
158Kb / 8P
   55 Volt Motor Supply Voltage
More results

Similar Description - MSK4360S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
Anaren Microwave
MSK4310 ANAREN-MSK4310 Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
Anaren Microwave
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364 Datasheet
312Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com