Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4360HU Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK4360HU
Description  10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4360HU Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  MSK4360HU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4360HU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4360HU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4360HU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4360HU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4360HU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4360HU Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
Rev.G 11/01
M.S. Kennedy Corp.
4707 Dey Road Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
7
The above example is a Military grade hybrid with leads bent up.
MSK4360 H U
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY;
H=CLASS H
GENERAL PART NUMBER
ORDERING INFORMATION
NOTE: ALL DIMENSIONS ARE ±.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle Indicates Pin 1.


Similar Part No. - MSK4360HU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4360HU ANAREN-MSK4360HU Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - MSK4360HU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
Anaren Microwave
MSK4310 ANAREN-MSK4310 Datasheet
164Kb / 9P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
Anaren Microwave
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364 Datasheet
312Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com