Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV165J Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LV165J
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV165J Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV165J Datasheet HTML 1Page - Texas Instruments SN54LV165J Datasheet HTML 2Page - Texas Instruments SN54LV165J Datasheet HTML 3Page - Texas Instruments SN54LV165J Datasheet HTML 4Page - Texas Instruments SN54LV165J Datasheet HTML 5Page - Texas Instruments SN54LV165J Datasheet HTML 6Page - Texas Instruments SN54LV165J Datasheet HTML 7Page - Texas Instruments SN54LV165J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54LV165, SN74LV165
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SCES007B – MARCH 1995 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) 2-
µ Process
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
< 2 V at VCC, TA = 25°C
D ESDProtectionExceeds2000VPer
MIL-STD-883C, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA
Per JEDEC Standard JESD-17
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), Thin Shrink Small-Outline (PW),
Ceramic Flat (W) Packages, Chip Carriers
(FK), and (J) 300-mil DIPs
description
The ’LV165 parallel-load, 8-bit shift registers are
designed for 2.7-V to 5.5-V VCC operation.
When the device is clocked, data is shifted toward
the serial output QH. Parallel-in access to each
stage is provided by eight individual direct data
inputs that are enabled by a low level at the SH/ LD
input. The ’LV165 feature a clock inhibit function
and a complemented serial output QH.
Clocking is accomplished by a low-to-high
transition of the clock (CLK) input while SH/ LD is
held high and clock inhibit (CLK INH) is held low. The functions of the CLK and CLK INH inputs are
interchangeable. Since a low CLK input and a low-to-high transition of CLK INH accomplishes clocking, CLK
INH should be changed to the high level only while CLK is high. Parallel loading is inhibited when SH/ LD is held
high. The parallel inputs to the register are enabled while SH/ LD is held low independently of the levels of CLK,
CLK INH, or SER.
The SN54LV165 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74LV165 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OPERATION
SH/ LD
CLK
CLK INH
OPERATION
L
X
X
Parallel load
H
HX
Q0
H
XH
Q0
H
L
Shift
H
L
Shift
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
EPIC is a trademark of Texas Instruments Incorporated.
SN54LV165 ...J OR W PACKAGE
SN74LV165 . . . D, DB, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
D
C
NC
B
A
E
F
NC
G
H
SN54LV165 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SH/LD
CLK
E
F
G
H
QH
GND
VCC
CLK INH
D
C
B
A
SER
QH
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN54LV165J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV165A TI-SN54LV165A Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A Datasheet
600Kb / 20P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A_07 Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN54LV165J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com