Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2782B Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U2782B
Description  1100 MHz Twin PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2782B Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U2782B Datasheet HTML 1Page - TEMIC Semiconductors U2782B Datasheet HTML 2Page - TEMIC Semiconductors U2782B Datasheet HTML 3Page - TEMIC Semiconductors U2782B Datasheet HTML 4Page - TEMIC Semiconductors U2782B Datasheet HTML 5Page - TEMIC Semiconductors U2782B Datasheet HTML 6Page - TEMIC Semiconductors U2782B Datasheet HTML 7Page - TEMIC Semiconductors U2782B Datasheet HTML 8Page - TEMIC Semiconductors U2782B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
U2782B
TELEFUNKEN Semiconductors
Rev. A4, 17-Oct-97
3 (10)
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
SSO20
Rthja
140
K/W
Electrical Characteristics
Tamb = 25
_C, VS = 2.7 to 5.5 V, VScp = 5 V, unless otherwise specified
Parameters
Test conditions
Symbol
Min.
Typ.
Max.
Unit
DC Supply
Supply current
VS = 3V, SPD1 = SPD2 = 0
IS
0.5
0.8
1.1
mA
Supply current
VS = 3V, SPD1 = SPD2 = 1
IS
7
11
13
mA
Supply current CP
VCP = 5 V, PLL in lock
condition
ICP
0
1
10
µA
PLL 1 + PLL2
Input voltage
fRFi1 = 200 – 1100 MHz
VRFi1
20
200
mVRMS
Scaling factor prescaler
SPSC
64/65
Scaling factor main
counter
SM
5
2047
Scaling factor swallow
counter
SS
0
63
Reference counter
SR
5
4096
Reference oscillator
Recommended crystal
series resistance
10
200
W
External reference input
frequency
AC coupled sinewave
RF/2 = 0
RF/2 = 1
OSCi
1
1
20
40
MHz
External reference input
amplitude
AC coupled sinewave 2)
OSCi
100
mVRMS
Logic input levels (Clock, Data, Enable, HPD1, HPD2, 5I)
High input level
ViH
1.5
V
Low input level
ViL
0
0.4
V
High input current
IiH
–5
5
mA
Low input current
IiL
–5
5
mA
Logic output levels (Port 0, 1, 2, 3, 4, Lock)
Leakage current
VOH = 5.5 V
IL
10
mA
Saturation voltage
IOL = 0.5 mA
VSL
0.4
V
Charge pump output (Rset = tbd.)
Source current
VCP x VScp/2
PLL2
5I = L
PLL1
5I = H
PLL1
Isource
– 1
–0.2
–1
mA
Sink current
VCP x VScp/2
PLL2
5I = L
PLL1
5I = H
PLL1
Isink
1
0.2
1
mA
Leakage current
VCP x VScp/2
IL
"5
nA
1) RMS voltage at 50
W; 2) OSCo is open if an external reference frequency is applied


Similar Part No. - U2782B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2781A HP-U2781A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Keysight Technologies
U2781A KEYSIGHT-U2781A Datasheet
7Mb / 76P
   USB Modular Products
logo
TEMIC Semiconductors
U2781B TEMIC-U2781B Datasheet
198Kb / 10P
   Frequency Synthesizer
U2781B-AFS TEMIC-U2781B-AFS Datasheet
198Kb / 10P
   Frequency Synthesizer
U2781B-AFSG3 TEMIC-U2781B-AFSG3 Datasheet
198Kb / 10P
   Frequency Synthesizer
More results

Similar Description - U2782B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2784B TEMIC-U2784B Datasheet
151Kb / 11P
   2200 MHz / 200 MHz Twin PLL
logo
KR Electronics, Inc.
3260-1100 KR-3260-1100 Datasheet
70Kb / 3P
   1100 MHz Bandpass Filter
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
IDTF1130NBGI IDT-IDTF1130NBGI Datasheet
2Mb / 40P
   Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
logo
Mini-Circuits
LRDC-20-2J MINI-LRDC-20-2J Datasheet
248Kb / 1P
   Directional Coupler 50廓 300 to 1100 MHz
LRDC-20-2 MINI-LRDC-20-2 Datasheet
273Kb / 1P
   Directional Coupler 50廓 300 to 1100 MHz
SCDC-11-2 MINI-SCDC-11-2 Datasheet
261Kb / 1P
   Directional Coupler 50廓 500 to 1100 MHz
logo
M/A-COM Technology Solu...
MAFL-008098-CD0550 MA-COM-MAFL-008098-CD0550 Datasheet
117Kb / 4P
   CATV Diplex Filter 5 - 42 / 54 - 1100 MHz
logo
List of Unclassifed Man...
WHM13-3530A ETC-WHM13-3530A Datasheet
213Kb / 5P
   1100-1400 MHz LOW NOISE AMPLIFIER WHM13-3530A
logo
Hittite Microwave Corpo...
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com