Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5120-F02 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-F02
Description  High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-F02 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDS-5120-F02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5120-F02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5120-F02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-F02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-F02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-F02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-F02 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Temperature 125
°C Two
Channel Optical Incremental
Encoder Modules
Technical Data
HEDT-9000
HEDT-9100
Features
• High Performance
• High Resolution
• Low Cost
• Easy to Mount
• No Signal Adjustment
Required
• Insensitive to Radial and
Axial Play
• Small Size
• -40
°C to 125°C Operating
Temperature
• Two Channel Quadrature
Output
• TTL Compatible
• Single 5 V Supply
Description
The HEDT-9000 and the HEDT-
9100 series are high
performance, low cost, optical
incremental encoder modules that
operate to 125
°C. When used with
a codewheel, these modules
detect rotary position. The
modules consist of a lensed (LED)
source and a detector IC enclosed
in a small C-shaped plastic pack-
age. Due to a highly collimated
light source and unique
photodetector array, these
modules are extremely tolerant to
mounting misalignment.
The two channel digital outputs
and the single 5 V supply input
are accessed through five 0.025
inch square pins located on 0.1
inch centers.
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC
DISCHARGE.
Package Dimensions
26.67 (1.05)
15.2
(0.60)
CL
17.27
(0.680)
20.96
(0.825)
1.85 (0.073)
8.64 (0.340)
REF.
ALIGNING RECESS
2.44/2.41 DIA.
(0.096/0.095)
2.16 (0.085)
DEEP
1.02 ± 0.10
(0.040 ± 0.004)
5.1 (0.20)
OPTION CODE
0.63 (0.025)
SQR. TYP.
2.54 (0.100) TYP.
DATE CODE
1.0 (0.04)
3.73 ± 0.05
(0.147 ± 0.002)
2.67 (0.105) DIA.
MOUNTING THRU
HOLE 2 PLACES
2.44/2.41 X 2.79
(0.096/0.095 X 0.110)
2.16 (0.085) DEEP
OPTICAL CENTER
1.52 (0.060)
20.8
(0.82)
11.7
(0.46)
8.6 (0.34)
1.78 ± 0.10
(0.070 ± 0.004)
2.92 ± 0.10
(0.115 ± 0.004)
10.2
(0.400)
5.46 ± 0.10
(0.215 ± 0.004)
OPTICAL
CENTER LINE
2.54
(0.100)
2.21
(0.087)
5.8
(0.23)
6.35 (0.250) REF.
ALIGNING RECESS
2.44/2.41 X 2.79
(0.096/0.095 X 0.110)
2.16 (0.085) DEEP
4.11 (0.162)
ALIGNING RECESS
2.44/2.41 DIA.
(0.096/0.095)
2.16 (0.085) DEEP
OPTICAL
CENTER
45°
8.81
(0.347)
11.9
(0.47)
4.75 ± 0.10
(0.187 ± 0.004)
2.9
(0.11)
1.8
(0.07)
6.9 (0.27)
SIDE A
SIDE B
TYPICAL DIMENSIONS IN
MILLIMETERS AND (INCHES)


Similar Part No. - HEDS-5120-F02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-F05 HP-HEDS-5120-F05 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
HEDS-5120-F05 HP-HEDS-5120-F05 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-F02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com