Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKHI23 Datasheet(PDF) 10 Page - Semikron International

Part # SKHI23
Description  Medium Power Double IGBT Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKHI23 Datasheet(HTML) 10 Page - Semikron International

Back Button SKHI23 Datasheet HTML 3Page - Semikron International SKHI23 Datasheet HTML 4Page - Semikron International SKHI23 Datasheet HTML 5Page - Semikron International SKHI23 Datasheet HTML 6Page - Semikron International SKHI23 Datasheet HTML 7Page - Semikron International SKHI23 Datasheet HTML 8Page - Semikron International SKHI23 Datasheet HTML 9Page - Semikron International SKHI23 Datasheet HTML 10Page - Semikron International SKHI23 Datasheet HTML 11Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© by SEMIKRON 19-08-2003
Driver Electronic – PCB Drivers
1955
The Rcx assumes a value of 47 Ω and its function is to
create an average of VCEsat in case of short circuit for
VCE-monitoring.
The mechanical assembly of the power circuit must be
symmetrical and low inductive.
The maximum recommended gate charge is 4,8
µC.
Fig. 10 Preferred circuit for paralleld dual IGBT-modules
D. Signal Waveforms
The following signal waveforms were measured under the
conditions below:
• VS = 15 V
• Tamb = 25 °C
• load = SKM75GB120D
• RCE = 18 kΩ
• CCE = 330 pF
• UDC = 600 V
• IC = 100 A
All results are typical values if not otherwise specified.
Fig. 11 Input and output voltage propagation time
Fig. 12 Output voltage VGE and output current (IG)
Fig.13 Short circuit and ERROR propagation time
worste case (VIN with SC already present)
Fig.14 Effect of Rgoff-SC in short - circuit
Fig. 15 Maximum operating frequency x gate charge


Similar Part No. - SKHI23

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKHI23 SEMIKRON-SKHI23 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI23-17 SEMIKRON-SKHI23-17 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI23/12 SEMIKRON-SKHI23/12 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI23/12 SEMIKRON-SKHI23/12 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI23/17 SEMIKRON-SKHI23/17 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
More results

Similar Description - SKHI23

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKHI23 SEMIKRON-SKHI23_06 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI23 SEMIKRON-SKHI23_05 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI23-17 SEMIKRON-SKHI23-17 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
SKHI26W SEMIKRON-SKHI26W_05 Datasheet
82Kb / 1P
   Double IGBT driver
SKHI26W SEMIKRON-SKHI26W Datasheet
1Mb / 6P
   Double IGBT driver
logo
eupec GmbH
2ED300C17-S EUPEC-2ED300C17-S Datasheet
477Kb / 32P
   Dual IGBT Driver for Medium and High Power IGBTs
2ED020I12-F EUPEC-2ED020I12-F Datasheet
388Kb / 18P
   Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules
logo
Infineon Technologies A...
2ED300C17-ST INFINEON-2ED300C17-ST Datasheet
7Mb / 33P
   Dual IGBT Driver Board For Infineon Medium and High Power IGBT Modules
V3.1 , March 2009
2ED300C17-S INFINEON-2ED300C17-S_13 Datasheet
1Mb / 24P
   Dual IGBT Driver Board for Infineon Medium
V4.03, 2013-08-13
logo
Semikron International
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
   High Power IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com