Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5120-D14 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-D14
Description  High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-D14 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HEDS-5120-D14 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5120-D14 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5120-D14 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-D14 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-D14 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-D14 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-D14 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings
Storage Temperature, T
S ..................................................................... -40°C to 125°C
Operating Temperature, T
A ................................................................ -40°C to 125°C
Supply Voltage, V
CC ...................................................................................... - 0.5 V to 7 V
Output Voltage, V
O ........................................................................................ -0.5 V to VCC
Output Current per Channel, I
out ................................................. -1.0 mA to 5 mA
Pulse Width (P): The number of
electrical degrees that an output
is high during 1 cycle. This value
is nominally 180
°e or 1/2 cycle.
Pulse Width Error (
∆P): The
deviation, in electrical degrees of
the pulse width from its ideal
value of 180
°e.
State Width (S):
The number of
electrical degrees between a
transition in the output of channel
A and the neighboring transition
in the output of channel B. There
are 4 states per cycle, each
nominally 90
°e.
State Width Error (
∆S): The
deviation, in electrical degrees, of
each state width from its ideal
value of 90
°e.
Phase (
φ): The number of elec-
trical degrees between the center
of the high state of channel A and
the center of the high state of
channel B. This value is nominally
90
°e for quadrature output.
Phase Error (
∆φ): The deviation
of the phase from its ideal value
of 90
°e.
Direction of Rotation:
When the
codewheel rotates in the direction
of the arrow on top of the
module, channel A will lead
channel B. If the codewheel
rotates in the opposite direction,
channel B will lead channel A.
Optical Radius (R
op ): The dis-
tance from the codewheel’s center
of rotation to the optical center
(O.C.) of the encoder module.
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
T
-40
125
°C
Supply Voltage
V
CC
4.5
5.5
Volts
Ripple < 100 mV
p-p
Load Capacitance
C
L
100
pF
3.3 k
Ω pull-up resistor
Count Frequency
f
100
kHz
Velocity (rpm) x N
60
Note: The module performance is guaranteed to 100 kHz but can operate at higher frequencies.
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances.
These Characteristics do not include codewheel/codestrip contributions.
Description
Sym.
Typ.
Case 1 Max.
Case 2 Max.
Units
Notes
Pulse Width Error
∆P
7
35
45
°e
Logic State Width Error
∆S
5
35
45
°e
Phase Error
∆φ
215
20
°e
Case 1: Module mounted on tolerance circle of
± 0.13 mm (± 0.005 in.).
Case 2: HEDT-9000 mounted on tolerances of
± 0.50 mm (0.020").
HEDT-9100 mounted ontolerances of
± 0.38 mm (0.015").


Similar Part No. - HEDS-5120-D14

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-D05 HP-HEDS-5120-D05 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
HEDS-5120-D05 HP-HEDS-5120-D05 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-D14

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com