Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5120-F14 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-F14
Description  High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-F14 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HEDS-5120-F14 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5120-F14 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5120-F14 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-F14 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-F14 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-F14 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-F14 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HEDT-9001 Option
HEDS-6100 Option
0 0
Resolution
(Cycles/Rev)
A - 500
Ordering Information
Shaft Diameter
06 - 1/4 in.
09 - 1/2 in.
08 - 3/8 in.
10 - 5/8 in.
6
01
02
03
04
05
06
08
09
10
11
12
13
14
HEDS-6100
A
*
*
*
01
02
03
04
05
06
08
09
10
11
12
13
14
HEDS-5120
A
******
**
*
C
*
*
****
D*
E*
*
F*
G*
*
*
*
*
*
H
***
*
*
I*
K*
*
A
C
DE
GI
HEDT-9001
*
HEDT-9100
*
*
*
*
*
HEDT-9101
******
HEDT-910
Option
HEDS-5120 Option
Shaft Diameter
01 - 2 mm
11 - 4 mm
02 - 3 mm
14 - 5 mm
03 - 1/8 in.
12 - 6 mm
04 - 5/32 in.
13 - 8 mm
05 - 3/16 in.
06 - 1/4 in.
Resolution (Cycles/Rev)
C - 100 CPR
D - 192 CPR
E - 200 CPR
G - 360 CPR
A - 500 CPR
I - 512 CPR
0
0
Lead
0 - Straight Leads
1 - Bent Leads


Similar Part No. - HEDS-5120-F14

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-F05 HP-HEDS-5120-F05 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
HEDS-5120-F05 HP-HEDS-5120-F05 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-F14

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com