Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMU3100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMU3100
Description  The TMU3100 is an 8-bit microprocessor embedded device tailored to USB/PS2 Keyboard application
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMU3100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMU3100 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 3Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 4Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 5Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TMU3100
USB Controller
1
tenx technology, inc.
Rev 1.4 2004/03/01
GENERAL DESCRIPTION
The TMU3100 is an 8-bit microprocessor embedded device tailored to the USB/PS2 Keyboard application. It
includes an 8-bit RISC CPU core, 192-byte SRAM, Low Speed USB Interface and an 8K x 14 internal
program OTP-ROM.
FEATURE
Compliance with the Universal Serial Bus specification v1.1
Built-in USB Transceiver and 3.3V regulator
Support USB Suspend and Resume function
One Control IN/OUT and two Interrupt IN endpoints
PS2 compatible keyboard interface share with USB interface
192 byte internal SRAM
8K x 14 internal program OTP-ROM
8-bit RISC CPU core with only 36 instruction
3MHz instruction rate with 6MHz crystal oscillation
40/48 pin package
BLOCK DIAGRAM
USB
Transceiver
USB
SIE
USB
Controller
8-bit RISC
CPU
192 Bytes
SRAM
Keyboard
Interface
8K x 14
Program OTP
ROM


Similar Part No. - TMU3100

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMU3 TRACOPOWER-TMU3 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-0511 TRACOPOWER-TMU3-0511 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-0512 TRACOPOWER-TMU3-0512 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-0513 TRACOPOWER-TMU3-0513 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-1211 TRACOPOWER-TMU3-1211 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
More results

Similar Description - TMU3100

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
logo
Infineon Technologies A...
ICC80QSG INFINEON-ICC80QSG Datasheet
1Mb / 32P
   The ICC80QSG flyback controller is tailored for battery charger application to meet the required performance.
Rev. 1.0 2022-05-04
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
Holtek Semiconductor In...
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com