Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMU3100CC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TMU3100CC
Description  The TMU3100 is an 8-bit microprocessor embedded device tailored to USB/PS2 Keyboard application
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMU3100CC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TMU3100CC Datasheet HTML 3Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 4Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 5Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 6Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 7Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 8Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 9Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 10Page - List of Unclassifed Manufacturers TMU3100CC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS-TMU3100
7
tenx technology, inc.
Rev 1.4 2004/03/01
2. I/O Port
2.1 KSO[15:0]
These pins are used as keyboard scan outputs. They have at least 4mA drive and sink strength.
2.2 KSI[7:0]
These pins are used as keyboard scan inputs. Each one of them has a pull up resistor. In addition, each KSI
pin can cause Keyboard interrupt (KBDint) if the corresponding interrupt mask bit (KBDmask) is 0. The
KBDint is asserted at the falling edge of KSI pin.
2.3 PA[3:0]
These pins are similar to KSO pins, except data are read from pin. They can be used as input or open drain
output.
50uA
Data
Pin
4mA
KSO[15:0]
Q
D
CK
/WR
Data
Register
4mA
Read
Data
Pin
Read
Data
KSI[7:0]
Pin
Read
Data
PA[3:0]
50uA
Data
4mA
Q
D
CK
Data
Register
4mA
/WR


Similar Part No. - TMU3100CC

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMU3 TRACOPOWER-TMU3 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-0511 TRACOPOWER-TMU3-0511 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-0512 TRACOPOWER-TMU3-0512 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-0513 TRACOPOWER-TMU3-0513 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TMU3-1211 TRACOPOWER-TMU3-1211 Datasheet
798Kb / 4P
   DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
More results

Similar Description - TMU3100CC

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
logo
Infineon Technologies A...
ICC80QSG INFINEON-ICC80QSG Datasheet
1Mb / 32P
   The ICC80QSG flyback controller is tailored for battery charger application to meet the required performance.
Rev. 1.0 2022-05-04
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
Holtek Semiconductor In...
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com