Part Name
         Description
74LCX16245

 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE) ( 9 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
   
 6 page
background image
74LCX16245
6/9
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1 : PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
TEST
SWIT CH
tPLH,tPHL
Open
tPZL,tPLZ
6V
tPZH,tPHZ
GND
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCXHR162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74VCX162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXH162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXR162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCX162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX245LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
54VCXH162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE INV WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXH16374LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX541LOW VOLTAGE CMOS OCTAL BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl