Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1823 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1823
Description  Dual USB Switch with Fault Blanking and Autoreset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1823 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1823 Datasheet HTML 3Page - Maxim Integrated Products MAX1823 Datasheet HTML 4Page - Maxim Integrated Products MAX1823 Datasheet HTML 5Page - Maxim Integrated Products MAX1823 Datasheet HTML 6Page - Maxim Integrated Products MAX1823 Datasheet HTML 7Page - Maxim Integrated Products MAX1823 Datasheet HTML 8Page - Maxim Integrated Products MAX1823 Datasheet HTML 9Page - Maxim Integrated Products MAX1823 Datasheet HTML 10Page - Maxim Integrated Products MAX1823 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Dual USB Switch with Fault
Blanking and Autoreset
_______________________________________________________________________________________
7
0
10
30
20
40
50
INPUT VOLTAGE (V)
3.6
5.2
4.4
6.0
AUTORESET CURRENT vs. INPUT VOLTAGE
(MAX1823/MAX1823H)
TA = +25
°C
TA = -40
°C
TA = +85
°C
25
27
29
33
35
31
37
39
INPUT VOLTAGE (V)
3.6
5.2
4.4
6.0
AUTORESET CURRENT vs. INPUT VOLTAGE
(MAX1823A/MAX1823B)
TA = +25
°C
TA = +85
°C
TA = -40
°C
10ms/div
OVERLOAD RESPONSE INTO 2.5
(MAX1823/MAX1823H)
A: VIN_, 5V/div
B: VOUTA, 5V/div
C: VFAULTA, 5V/div
D: IOUTA, 1A/div
A
B
D
C
MAX1823 toc15
5V
0
0
0
10ms/div
OVERLOAD RESPONSE INTO 2.5
(MAX1823A/MAX1823B ONLY)
A: VIN_, 5V/div
B: VOUTA, 5V/div
C: VFAULTA, 5V/div
D: IOUTA, 1A/div
A
B
D
C
MAX1823 toc16
5V
0
0
0
500
µs/div
OVERLOAD RESPONSE INTO 2.5
(EXPANDED TIME SCALE)
A: VIN_, 5V/div
B: VOUTA, 5V/div
A
B
D
C
MAX1823 toc17
5V
0
0
0
C: VFAULTA, 5V/div
D: IOUTA, 1A/div
10ms/div
SHORT-CIRCUIT RESPONSE INTO 0
(MAX1823/MAX1823H)
A
B
D
C
MAX1823 toc18
5V
0
0
0
C: VFAULTA, 5V/div
D: IOUTA, 1A/div
A: VIN_, 5V/div
B: VOUTA, 5V/div
10ms/div
SHORT-CIRCUIT RESPONSE INTO 0
(MAX1823A/MAX1823B)
A
B
D
C
MAX1823 toc19
5V
0
0
0
C: VFAULTA, 5V/div
D: IOUTA, 2A/div
A: VIN_, 5V/div
B: VOUTA, 5V/div
500
µs/div
SHORT-CIRCUIT RESPONSE INTO 0
(EXPANDED TIME SCALE)
A: VIN_, 5V/div
B: VOUTA, 5V/div
A
B
D
C
MAX1823 toc20
5V
0
5V
0
C: VFAULTA, 5V/div
D: IOUTA, 2A/div
1ms/div
SWITCH TURN-ON TIME
(MAX1823/MAX1823A)
A: VONA, 5V/div
B: VOUTA, 2V/div
A
B
MAX1823 toc21
0
0
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = VINA = VINB = 5V, ON_ = GND (MAX1823/MAX1823A), ON_ = IN_ (MAX1823B/MAX1823H), TA = +25
°C,
unless otherwise noted.)


Similar Part No. - MAX1823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1823AEUB MAXIM-MAX1823AEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823EUB MAXIM-MAX1823EUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823HEUB MAXIM-MAX1823HEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results

Similar Description - MAX1823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com