Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5020-BM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SI5020-BM
Description  SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5020-BM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI5020-BM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Si5020
Preliminary Rev. 0.8
7
Table 3. AC Characteristics (Clock & Data)
(VA 2.5 V ± 5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Clock Rate
fCLK
.15
2.7
GHz
Output Rise Time
tR
Figure 4
100
TBD
ps
Output Fall Time
tF
Figure 4
100
TBD
ps
Clock to Data Delay
FEC (2.7 GHz)
OC-48
GigE
OC-12
OC-3
tCr-D
Figure 3
TBD
TBD
TBD
TBD
TBD
250
255
500
890
4100
TBD
TBD
TBD
TBD
TBD
ps
Clock to Data Delay
FEC (2.7 GHz)
OC-48
tCf-D
Figure 3
TBD
TBD
51
50
TBD
TBD
ps
Input Return Loss
100 kHz – 2.5 GHz
2.5 GHz – 4.0 GHz
18.7
TBD
dB
dB


Similar Part No. - SI5020-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5020-EVB SILABS-SI5020-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

Similar Description - SI5020-BM

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com