Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93C56LVM8 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93C56LVM8
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93C56LVM8 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  NM93C56LVM8 Datasheet HTML 1Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 2Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 3Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 4Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 5Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 6Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 7Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 8Page - National Semiconductor (TI) NM93C56LVM8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Capacitance (Note 3)
TA e 25 C f e 1 MHz
Symbol
Test
Typ
Max
Units
COUT
Output Capacitance
5
pF
CIN
Input Capacitance
5
pF
Note 1
Stress above those listed under ‘‘Absolute Maximum Ratings’’ may cause permanent damage to the device This is a stress rating only and operation of the
device at these or any other conditions above those indicated in the operational sections of the specification is not implied Exposure to absolute maximum rating
conditions for extended periods may affect device reliability
Note 2
CS (Chip Select) must be brought low (to VIL) for an interval of tCS in order to reset all internal device registers (device reset) prior to beginning another
opcode cycle (this is shown in the opcode diagrams in the following pages)
Note 3
This parameter is periodically sampled and not 100% tested
Note 4
Typical leakage values are in the 20 nA range
Note 5
The shortest allowable SK clock period e 1fSK (as shown under the fSK parameter) Maximum SK clock speed (minimum SK period) is determined by the
interaction of several AC parameters stated in the datasheet Within this SK period both tSKH and tSKL limits must be observed Therefore it is not allowable to set
1tSK e tSKH (minimum) a tSKL (minimum) for shorter SK cycle time operation
AC Test Conditions
VCC Range
VIL VIH
VIL VIH
VOL VOH
IOL IOH
Input Levels
Timing Levels
Timing Levels
27V s VCC k 45V
03V18V
10V
08V15V
g
10 mA
(Extended Voltage Levels)
45V s VCC s 55V
04V24V
10V20V
04V24V
b
21 mA04 mA
(TTL Levels)
Output Load 1 TTL Gate (CL e 100 pF)
Functional Description
The NM93C06LC46LC56LC66L device have 7 instruc-
tions as described below Note that the MSB of any instruc-
tion is a ‘‘1’’ and is viewed as a start bit in the interface
sequence For the C06 and C46 the next 8 bits carry the op
code and the 6-bit address for register selection For the
C56 and C66 the next 10-bits carry the op code and the 8-
bit address for register selection
Read (READ)
The READ instruction outputs serial data on the DO pin
After a READ instruction is received the instruction and ad-
dress are decoded followed by data transfer from the se-
lected memory register into a 16-bit serial-out shift register
A dummy bit (logical 0) precedes the 16-bit data output
string Output data changes are initiated by a low to high
transition of the SK clock
EraseWrite Enable (WEN)
When VCC is applied to the part it powers up in the Erase
Write Disable (WDS) state Therefore all programming
modes must be preceded by an EraseWrite Enable WEN
instruction Once an EraseWrite Enable instruction is exe-
cuted programming remains enabled until an EraseWrite
Disable (WDS) instruction is executed or VCC is completely
removed from the part
Erase (ERASE)
The ERASE instruction will program all bits in the selected
register to the logical ‘‘1’’ state CS is brought low following
the loading of the last address bit This falling edge of the
CS pin initiates the self-timed programming cycle
The DO pin indicates the READYBUSY status of the chip if
CS is brought high after the tCS interval DO e logical ‘‘0’’
indicates that programming is still in progress DO e logical
‘‘1’’ indicates that the register at the address specified in
the instruction has been erased and the part is ready for
another instruction
http
www nationalcom
5


Similar Part No. - NM93C56LVM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C56LZEM8 NSC-NM93C56LZEM8 Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93C56LZEMT8 NSC-NM93C56LZEMT8 Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93C56LZEN NSC-NM93C56LZEN Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93C56LZM8 NSC-NM93C56LZM8 Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93C56LZMT8 NSC-NM93C56LZMT8 Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
More results

Similar Description - NM93C56LVM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93C06LZ NSC-NM93C06LZ Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
Fairchild Semiconductor
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
NM93C56EM8 FAIRCHILD-NM93C56EM8 Datasheet
110Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46 FAIRCHILD-NM93C46 Datasheet
108Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com