Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7969YD1 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7969YD1
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969YD1 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7969YD1 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969YD1 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
Page 4
G52355-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Bare Die Descriptions
Figure 1: Pad Assignments
VSC7969
Die Size: 1143µm x 1453µm (45.0mil x 57.2mil)
Die Thickness: 279µm (11.0mil)
Pad Size: 100µm x 100µm (3.9mil x 3.9mil)
Pad Passivation Opening: 86µm x 86µm (3.4mil x 3.4mil)
Scribe Size: 143µm (5.6mil)
Pad 7
SD_OUT
Pad 8
GND
Pad 9
VOUTN
Pad 10
GND
Pad 11
VOUTP
Pad 12
GND
Pad 13
IMON
Pad 14
VOUTP
Pad 15
GND
Pad 16
CSDN
Pad 17
CSDP
1143µm
(45.0mil)
1467µm (57.2mil)
143µm
(5.6mil)
Pad 18
GND
Pad 19
GND
Pad 5
SD_ADJ
Pad 4
SD_TP
Pad 3
GND
Pad 2
BG_VREF
Pad 1
GND
Pad 6
VOUTN
Pad 25
VCCS
Pad 24
GND
Pad 23
IN
Pad 22
FILTER
Pad 21
GND
Pad 20
GND
Pad 26
VCCD


Similar Part No. - VSC7969YD1

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results

Similar Description - VSC7969YD1

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
   3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier with PLD
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com