Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216C0G2J333MB Datasheet(PDF) 2 Page - TDK Electronics

Part # C3216C0G2J333MB
Description  Ceramic Capacitors For Mid Voltage SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2J333MB Datasheet(HTML) 2 Page - TDK Electronics

  C3216C0G2J333MB Datasheet HTML 1Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 2Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 3Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 4Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 5Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 6Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 7Page - TDK Electronics C3216C0G2J333MB Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
• All specifications are subject to change without notice.
(2/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
C1608 (EIA:CC0603) TYPE
CAPACITANCE RANGES:
CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 250V
RATED VOLTAGE Edc: 100V
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc:100V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100
±5%
0.8±0.1
C1608C0G2E101J
±10%
0.8±0.1
C1608C0G2E101K
120
±5%
0.8±0.1
C1608C0G2E121J
±10%
0.8±0.1
C1608C0G2E121K
150
±5%
0.8±0.1
C1608C0G2E151J
±10%
0.8±0.1
C1608C0G2E151K
180
±5%
0.8±0.1
C1608C0G2E181J
±10%
0.8±0.1
C1608C0G2E181K
220
±5%
0.8±0.1
C1608C0G2E221J
±10%
0.8±0.1
C1608C0G2E221K
270
±5%
0.8±0.1
C1608C0G2E271J
±10%
0.8±0.1
C1608C0G2E271K
330
±5%
0.8±0.1
C1608C0G2E331J
±10%
0.8±0.1
C1608C0G2E331K
390
±5%
0.8±0.1
C1608C0G2E391J
±10%
0.8±0.1
C1608C0G2E391K
470
±5%
0.8±0.1
C1608C0G2E471J
±10%
0.8±0.1
C1608C0G2E471K
560
±5%
0.8±0.1
C1608C0G2E561J
±10%
0.8±0.1
C1608C0G2E561K
680
±5%
0.8±0.1
C1608C0G2E681J
±10%
0.8±0.1
C1608C0G2E681K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100
±5%
0.8±0.1
C1608C0G2A101J
±10%
0.8±0.1
C1608C0G2A101K
120
±5%
0.8±0.1
C1608C0G2A121J
±10%
0.8±0.1
C1608C0G2A121K
150
±5%
0.8±0.1
C1608C0G2A151J
±10%
0.8±0.1
C1608C0G2A151K
180
±5%
0.8±0.1
C1608C0G2A181J
±10%
0.8±0.1
C1608C0G2A181K
220
±5%
0.8±0.1
C1608C0G2A221J
±10%
0.8±0.1
C1608C0G2A221K
270
±5%
0.8±0.1
C1608C0G2A271J
±10%
0.8±0.1
C1608C0G2A271K
330
±5%
0.8±0.1
C1608C0G2A331J
±10%
0.8±0.1
C1608C0G2A331K
390
±5%
0.8±0.1
C1608C0G2A391J
±10%
0.8±0.1
C1608C0G2A391K
470
±5%
0.8±0.1
C1608C0G2A471J
±10%
0.8±0.1
C1608C0G2A471K
560
±5%
0.8±0.1
C1608C0G2A561J
±10%
0.8±0.1
C1608C0G2A561K
680
±5%
0.8±0.1
C1608C0G2A681J
±10%
0.8±0.1
C1608C0G2A681K
1000
±5%
0.8±0.1
C1608C0G2A102J
±10%
0.8±0.1
C1608C0G2A102K
1200
±5%
0.8±0.1
C1608C0G2A122J
±10%
0.8±0.1
C1608C0G2A122K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
1000
±10%
0.8±0.1
C1608X7R2A102K
±20%
0.8±0.1
C1608X7R2A102M
1500
±10%
0.8±0.1
C1608X7R2A152K
±20%
0.8±0.1
C1608X7R2A152M
2200
±10%
0.8±0.1
C1608X7R2A222K
±20%
0.8±0.1
C1608X7R2A222M
3300
±10%
0.8±0.1
C1608X7R2A332K
±20%
0.8±0.1
C1608X7R2A332M
4700
±10%
0.8±0.1
C1608X7R2A472K
±20%
0.8±0.1
C1608X7R2A472M
6800
±10%
0.8±0.1
C1608X7R2A682K
±20%
0.8±0.1
C1608X7R2A682M
10000
±10%
0.8±0.1
C1608X7R2A103K
±20%
0.8±0.1
C1608X7R2A103M
M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.


Similar Part No. - C3216C0G2J333MB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2J331J TDK-C3216C0G2J331J Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C3216C0G2J331J TDK-C3216C0G2J331J Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216C0G2J331J060AA TDK-C3216C0G2J331J060AA Datasheet
1Mb / 28P
   C Series Commercial Grade Mid Voltage (100 to 630V)
C3216C0G2J331J060AA TDK-C3216C0G2J331J060AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3216C0G2J331J060AA TDK-C3216C0G2J331J060AA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2J333MB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3H050DGM PANASONIC-ECCT3H050DGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com