Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081CD Datasheet(PDF) 5 Page - ON Semiconductor

Part # TL081CD
Description  JFET INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL081CD Datasheet(HTML) 5 Page - ON Semiconductor

  TL081CD Datasheet HTML 1Page - ON Semiconductor TL081CD Datasheet HTML 2Page - ON Semiconductor TL081CD Datasheet HTML 3Page - ON Semiconductor TL081CD Datasheet HTML 4Page - ON Semiconductor TL081CD Datasheet HTML 5Page - ON Semiconductor TL081CD Datasheet HTML 6Page - ON Semiconductor TL081CD Datasheet HTML 7Page - ON Semiconductor TL081CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL081C,AC TL082C,AC TL084C,AC
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Large Signal Voltage Gain and
Phase Shift versus Frequency
Figure 10. Large Signal Voltage Gain
versus Temperature
Figure 11. Normalized Slew Rate
versus Temperature
Figure 12. Equivalent Input Noise Voltage
versus Frequency
Figure 13. Total Harmonic Distortion
versus Frequency
f, FREQUENCY (Hz)
106
105
104
103
101
102
1.0
1.0
10
100
1.0 k
10 k
100 k 1.0 M
10 M
Gain
Phase Shift
VCC/VEE = ±15 V
RL = 2.0 k
TA = 25°C
VCC/VEE = ±15 V
VO = ±10 V
RL = 2.0 k
TA, AMBIENT TEMPERATURE (°C)
1000
100
10
1.0
–50
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
1.15
1.10
1.05
1.0
0.95
0.90
0.85
–50
–25
0
25
50
75
100
125
f, FREQUENCY (Hz)
60
50
40
30
20
10
0
0.01
0.05 0.1
0.5 1.0
5.0 10
50 100
VCC/VEE = ±15 V
AV = 10
RS = 100 Ω
TA = 25°C
VCC/VEE = ±15 V
AV = 1.0
VO = 6.0 V (RMS)
TA = 25°C
f, FREQUENCY (Hz)
1.0
0.5
0.1
0.05
0.01
0.005
0.001
0.1
0.5
1.0
5.0
10
50
100
0
°
45
°
90
°
135
°
180
°
107
108
100 M
–75
–100
150
1.20
0.80
–75
70


Similar Part No. - TL081CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081CD MOTOROLA-TL081CD Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081CD TI1-TL081CD Datasheet
1Mb / 45P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL081CD STMICROELECTRONICS-TL081CD Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL081CD TI1-TL081CD Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL081CD TI-TL081CD Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL081CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com