Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TL494
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494 Datasheet(HTML) 3 Page - ON Semiconductor

  TL494 Datasheet HTML 1Page - ON Semiconductor TL494 Datasheet HTML 2Page - ON Semiconductor TL494 Datasheet HTML 3Page - ON Semiconductor TL494 Datasheet HTML 4Page - ON Semiconductor TL494 Datasheet HTML 5Page - ON Semiconductor TL494 Datasheet HTML 6Page - ON Semiconductor TL494 Datasheet HTML 7Page - ON Semiconductor TL494 Datasheet HTML 8Page - ON Semiconductor TL494 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL494, NCV494
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage (VO (Pin 3) = 2.5 V)
VIO
2.0
10
mV
Input Offset Current (VO (Pin 3) = 2.5 V)
IIO
5.0
250
nA
Input Bias Current (VO (Pin 3) = 2.5 V)
IIB
−0.1
−1.0
mA
Input Common Mode Voltage Range (VCC = 40 V, TA = 25°C)
VICR
−0.3 to VCC−2.0
V
Open Loop Voltage Gain (
DVO = 3.0 V, VO = 0.5 V to 3.5 V, RL = 2.0 kW)
AVOL
70
95
dB
Unity−Gain Crossover Frequency (VO = 0.5 V to 3.5 V, RL = 2.0 kW)
fC−
350
kHz
Phase Margin at Unity−Gain (VO = 0.5 V to 3.5 V, RL = 2.0 kW)
fm
65
deg.
Common Mode Rejection Ratio (VCC = 40 V)
CMRR
65
90
dB
Power Supply Rejection Ratio (
DVCC = 33 V, VO = 2.5 V, RL = 2.0 kW)
PSRR
100
dB
Output Sink Current (VO (Pin 3) = 0.7 V)
IO−
0.3
0.7
mA
Output Source Current (VO (Pin 3) = 3.5 V)
IO+
2.0
−4.0
mA
PWM COMPARATOR SECTION (Test Circuit Figure 11)
Input Threshold Voltage (Zero Duty Cycle)
VTH
2.5
4.5
V
Input Sink Current (V(Pin 3) = 0.7 V)
II−
0.3
0.7
mA
DEADTIME CONTROL SECTION (Test Circuit Figure 11)
Input Bias Current (Pin 4) (VPin 4 = 0 V to 5.25 V)
IIB (DT)
−2.0
−10
mA
Maximum Duty Cycle, Each Output, Push−Pull Mode
(VPin 4 = 0 V, CT = 0.01 mF, RT = 12 kW)
(VPin 4 = 0 V, CT = 0.001 mF, RT = 30 kW)
DCmax
45
48
45
50
50
%
Input Threshold Voltage (Pin 4)
(Zero Duty Cycle)
(Maximum Duty Cycle)
Vth
0
2.8
3.3
V
OSCILLATOR SECTION
Frequency (CT = 0.001 mF, RT = 30 kW)
fosc
40
kHz
Standard Deviation of Frequency* (CT = 0.001 mF, RT = 30 kW)
sfosc
3.0
%
Frequency Change with Voltage (VCC = 7.0 V to 40 V, TA = 25°C)
Dfosc (DV)
0.1
%
Frequency Change with Temperature (
DTA = Tlow to Thigh)
(CT = 0.01 mF, RT = 12 kW)
Dfosc (DT)
12
%
UNDERVOLTAGE LOCKOUT SECTION
Turn−On Threshold (VCC increasing, Iref = 1.0 mA)
Vth
5.5
6.43
7.0
V
TOTAL DEVICE
Standby Supply Current (Pin 6 at Vref, All other inputs and outputs open)
(VCC = 15 V)
(VCC = 40 V)
ICC
5.5
7.0
10
15
mA
Average Supply Current
(CT = 0.01 mF, RT = 12 kW, V(Pin 4) = 2.0 V)
(VCC = 15 V) (See Figure 12)
7.0
mA
* Standard deviation is a measure of the statistical distribution about the mean as derived from the formula,
s
N
n = 1
S (Xn − X)2
N − 1


Similar Part No. - TL494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Texas Instruments
TL494 TI-TL494 Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
TL494 ARTSCHIP-TL494 Datasheet
671Kb / 7P
   SMPS Controller
logo
Texas Instruments
TL494 TI-TL494 Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com