Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2016 Datasheet(PDF) 2 Page - ON Semiconductor

Part # UAA2016
Description  ZERO VOLTAGE SWITCH POWER CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UAA2016 Datasheet(HTML) 2 Page - ON Semiconductor

  UAA2016 Datasheet HTML 1Page - ON Semiconductor UAA2016 Datasheet HTML 2Page - ON Semiconductor UAA2016 Datasheet HTML 3Page - ON Semiconductor UAA2016 Datasheet HTML 4Page - ON Semiconductor UAA2016 Datasheet HTML 5Page - ON Semiconductor UAA2016 Datasheet HTML 6Page - ON Semiconductor UAA2016 Datasheet HTML 7Page - ON Semiconductor UAA2016 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UAA2016
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (Voltages referenced to Pin 7)
Rating
Symbol
Value
Unit
Supply Current (IPin 5)
ICC
15
mA
Non–Repetitive Supply Current
(Pulse Width = 1.0
µs)
ICCP
200
mA
AC Synchronization Current
Isync
3.0
mA
Pin Voltages
VPin 2
VPin 3
VPin 4
VPin 6
0; Vref
0; Vref
0; Vref
0; VEE
V
Vref Current Sink
IPin 1
1.0
mA
Output Current (Pin 6)
(Pulse Width < 400
µs)
IO
150
mA
Power Dissipation
PD
625
mW
Thermal Resistance, Junction–to–Air
R
θJA
100
°C/W
Operating Temperature Range
TA
– 20 to + 85
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C, VEE = –7.0 V, voltages referred to Pin 7, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current (Pins 6, 8 not connected)
(TA = – 20° to + 85°C)
ICC
0.9
1.5
mA
Stabilized Supply Voltage (Pin 5)
(ICC = 2.0 mA)
VEE
–10
– 9.0
– 8.0
V
Reference Voltage (Pin 1)
Vref
– 6.5
– 5.5
– 4.5
V
Output Pulse Current (TA = – 20° to + 85°C)
(Rout = 60 W, VEE = – 8.0 V)
IO
90
100
130
mA
Output Leakage Current (Vout = 0 V)
IOL
10
µA
Output Pulse Width (TA = – 20° to + 85°C) (Note 1)
(Mains = 220 Vrms, Rsync = 220 kΩ)
TP
50
100
µs
Comparator Offset (Note 5)
Voff
–10
+10
mV
Sensor Input Bias Current
IIB
0.1
µA
Sawtooth Period (Note 2)
TS
40.96
sec
Sawtooth Amplitude (Note 6)
AS
50
70
90
mV
Temperature Reduction Voltage (Note 3)
(Pin 4 Connected to VCC)
VTR
280
350
420
mV
Internal Hysteresis Voltage
(Pin 2 Not Connected)
VIH
10
mV
Additional Hysteresis (Note 4)
(Pin 2 Connected to VCC)
VH
280
350
420
mV
Failsafe Threshold (TA = – 20° to + 85°C) (Note 7)
VFSth
180
300
mV
NOTES: 1. Output pulses are centered with respect to zero crossing point. Pulse width is adjusted by the value of Rsync. Refer to application curves.
2. The actual sawtooth period depends on the AC power line frequency. It is exactly 2048 times the corresponding period. For the 50 Hz case it is 40.96
sec. For the 60 Hz case it is 34.13 sec. This is to comply with the European standard, namely that 2.0 kW loads cannot be connected or removed
from the line more than once every 30 sec.
3. 350 mV corresponds to 5
°C temperature reduction. This is tested at probe using internal test pad. Smaller temperature reduction can be obtained by
adding an external resistor between Pin 4 and VCC. Refer to application curves.
4. 350 mV corresponds to a hysteresis of 5
°C. This is tested at probe using internal test pad. Smaller additional hysteresis can be obtained by adding
an external resistor between Pin 2 and VCC. Refer to application curves.
5. Parameter guaranteed but not tested. Worst case 10 mV corresponds to 0.15
°C shift on set point.
6. Measured at probe by internal test pad. 70 mV corresponds to 1
°C. Note that the proportional band is independent of the NTC value.
7. At very low temperature the NTC resistor increases quickly. This can cause the sensor input voltage to reach the failsafe threshold, thus inhibiting
output pulses; refer to application schematics. The corresponding temperature is the limit at which the circuit works in the typical application. By
setting this threshold at 0.05 Vref, the NTC value can increase up to 20 times its nominal value, thus the application works below – 20°C.


Similar Part No. - UAA2016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UAA2016 MOTOROLA-UAA2016 Datasheet
135Kb / 8P
   ZERO VOLTAGE SWITCH POWER CONTROLLER
logo
ON Semiconductor
UAA2016AD ONSEMI-UAA2016AD Datasheet
103Kb / 12P
   Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
UAA2016ADG ONSEMI-UAA2016ADG Datasheet
103Kb / 12P
   Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
UAA2016D ONSEMI-UAA2016D Datasheet
103Kb / 12P
   Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
UAA2016DG ONSEMI-UAA2016DG Datasheet
103Kb / 12P
   Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
More results

Similar Description - UAA2016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UAA2016 MOTOROLA-UAA2016 Datasheet
135Kb / 8P
   ZERO VOLTAGE SWITCH POWER CONTROLLER
logo
ON Semiconductor
UAA2016 ONSEMI-UAA2016_06 Datasheet
103Kb / 12P
   Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com