Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74LV245 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74LV245
Description  OCTAL BUS TRANSCEIVER (3-STATE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV245 Datasheet(HTML) 1 Page - Integral Corp.

  IN74LV245 Datasheet HTML 1Page - Integral Corp. IN74LV245 Datasheet HTML 2Page - Integral Corp. IN74LV245 Datasheet HTML 3Page - Integral Corp. IN74LV245 Datasheet HTML 4Page - Integral Corp. IN74LV245 Datasheet HTML 5Page - Integral Corp. IN74LV245 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IN74LV245
1
OCTAL BUS TRANSCEIVER (3-STATE)
By pinning IN74LV245 are compatible with IN74HC245A and
IN74HCT245A series. Input voltage levels are compatible with
standard CMOS levels.
• Output voltage levels are compatible with input levels of CMOS,
NMOS and TTL ICS
• Supply voltage range: 2.0 to 3.2 V
• Low input current: 1.0 µА; 0.1 µА at Т = 25 °С
• Output current 8 mА
• Latch current value: not less 150 mА at Т = 125 °С
• ESD acceptable values: not less than 2000 V as per HBM and
not less 200 V as per ММ
N SUFFIX
PLASTIC
D SUFFIX
SOIC
1
20
1
20
ORDERING INFORMATION
IN74LV245N Plastic DIP
IN74LV245D SOIC
TA = -40° to 125° C
for all packages
PIN ASSIGNMENT
245
DIR 01
A
0 02
A
1 03
A
2 04
A
3 05
A
4 06
A
5 07
A
6 08
A
7 09
GND 10
20
19
18
17
16
15
14
13
12
11
B
0
B
1
B
2
B
3
B
4
B
5
B
6
B
7
OE
V
CC
FUNCTION TABLE
Inputs
Inputs/Output
s
OE
DIR
А
В
L
L
A=B
input
L
H
input
B=A
H
X
Z
Z
BLOCK DIAGRAM
18
B
0
03
17
B
1
A
1
04
16
B
2
A
2
05
15
B
3
A
3
06
14
B
4
A
4
07
13
B
5
A
5
08
12
B
6
A
6
09
11
B
7
A
7
01
DIR
02
A
0
19
OE
Pin 20=VCC
Pin 10 = GND


Similar Part No. - IN74LV245

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV240 INTEGRAL-IN74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV240DW INTEGRAL-IN74LV240DW Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV240N INTEGRAL-IN74LV240N Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV241 INTEGRAL-IN74LV241 Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV241DW INTEGRAL-IN74LV241DW Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
More results

Similar Description - IN74LV245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com