Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ74LV241 Datasheet(PDF) 5 Page - Integral Corp.

Part # IZ74LV241
Description  OCTAL BUFFER/LINE DRIVE; 3-STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV241 Datasheet(HTML) 5 Page - Integral Corp.

  IZ74LV241 Datasheet HTML 1Page - Integral Corp. IZ74LV241 Datasheet HTML 2Page - Integral Corp. IZ74LV241 Datasheet HTML 3Page - Integral Corp. IZ74LV241 Datasheet HTML 4Page - Integral Corp. IZ74LV241 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IN74LV241
5
INTEGRAL
Figure 3. Test Circuit
Figure 4. Test Circuit
CHIP PAD DIAGRAM
Location of marking (mm): left lower corner x=1.539, y=1.433.
Chip thickness: 0.46
± 0.02 mm.
PAD LOCATION
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
1OE
0.115
0.55
0.108 x 0.108
02
1A0
0.1075
0.246
0.108 x 0.108
03
2Y3
0.3215
0.131
0.108 x 0.108
04
1A1
0.76
0.131
0.108 x 0.108
05
2Y2
0.9285
0.131
0.108 x 0.108
06
2A2
1.2115
0.131
0.108 x 0.108
07
2Y1
1.4615
0.131
0.108 x 0.108
08
2A3
1.674
0.131
0.108 x 0.108
09
2Y0
1.674
0.43
0.108 x 0.108
10
GND
1.685
0.643
0.108 x 0.108
11
2A0
1.674
1.0855
0.108 x 0.108
12
1Y3
1.6795
1.266
0.108 x 0.108
13
2A1
1.674
1.4345
0.108 x 0.108
14
1Y2
1.0525
1.4345
0.108 x 0.108
15
2A2
0.7545
1.4345
0.108 x 0.108
16
1Y1
0.586
1.4345
0.108 x 0.108
17
2A3
0.293
1.4345
0.108 x 0.108
18
1Y0
0.112
1.4345
0.108 x 0.108
19
2OE
0.112
1.1385
0.108 x 0.108
20
VCC
0.112
0.949
0.108 x 0.108
Note: Pad location is given as per metallization layer
02
(0,0)
X
Y
Chip marking
25LV241
03
04
05
06
07
08
09
10
1.9 + 0.03
11
12
01
14
15
16
17
18
19
20
13


Similar Part No. - IZ74LV241

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74LV240 INTEGRAL-IZ74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IZ74LV244 INTEGRAL-IZ74LV244 Datasheet
157Kb / 4P
   OCTAL BUFFER/LINE DRIVER 3-STATE
More results

Similar Description - IZ74LV241

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV240 INTEGRAL-IN74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
System Logic Semiconduc...
LV244 SLS-LV244 Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV241 KODENSHI-KK74LV241 Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV240 KODENSHI-KK74LV240 Datasheet
290Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV244 KODENSHI-KK74LV244 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
logo
Texas Instruments
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com