Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084ACN Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL084ACN
Description  JFET INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL084ACN Datasheet(HTML) 4 Page - ON Semiconductor

  TL084ACN Datasheet HTML 1Page - ON Semiconductor TL084ACN Datasheet HTML 2Page - ON Semiconductor TL084ACN Datasheet HTML 3Page - ON Semiconductor TL084ACN Datasheet HTML 4Page - ON Semiconductor TL084ACN Datasheet HTML 5Page - ON Semiconductor TL084ACN Datasheet HTML 6Page - ON Semiconductor TL084ACN Datasheet HTML 7Page - ON Semiconductor TL084ACN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL081C,AC TL082C,AC TL084C,AC
4
MOTOROLA ANALOG IC DEVICE DATA
VCC/VEE = ±15 V
(See Figure 2)
RL = 10 k
RL = 2.0 k
Figure 3. Input Bias Current
versus Temperature
Figure 4. Output Voltage Swing
versus Frequency
Figure 5. Output Voltage Swing
versus Load Resistance
Figure 6. Output Voltage Swing
versus Supply Voltage
Figure 7. Output Voltage Swing
versus Temperature
Figure 8. Supply Current per Amplifier
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VCC/VEE = ±15 V
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
RL, LOAD RESISTANCE (kΩ)
0.1
0.2
0.4
0.7 1.0
2.0
10
4.0
7.0
VCC, |VEE| , SUPPLY VOLTAGE (±V)
0
5.0
10
15
20
RL = 2.0 k
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VCC/VEE = ±15 V
TA = 25°C
(See Figure 2)
0.6
100
10
1.0
0.1
0.01
30
25
20
15
10
5.0
0
30
20
10
5.0
0
40
30
20
10
0
35
30
25
20
15
10
5.0
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.4
0.2
0
VCC/VEE = ±15 V
±10 V
±5.0 V
RL = 2.0 k
TA = 25°C
(See Figure 2)
VCC/VEE = ±15 V
–100
150
35
40
40
–75
–75


Similar Part No. - TL084ACN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL084ACN MOTOROLA-TL084ACN Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL084ACN TI1-TL084ACN Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
logo
STMicroelectronics
TL084ACN STMICROELECTRONICS-TL084ACN Datasheet
113Kb / 11P
   GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
January 1999
logo
Texas Instruments
TL084ACN TI-TL084ACN Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL084ACN TI-TL084ACN Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL084ACN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com