Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494BD Datasheet(PDF) 7 Page - ON Semiconductor

Part # TL494BD
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494BD Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TL494BD Datasheet HTML 3Page - ON Semiconductor TL494BD Datasheet HTML 4Page - ON Semiconductor TL494BD Datasheet HTML 5Page - ON Semiconductor TL494BD Datasheet HTML 6Page - ON Semiconductor TL494BD Datasheet HTML 7Page - ON Semiconductor TL494BD Datasheet HTML 8Page - ON Semiconductor TL494BD Datasheet HTML 9Page - ON Semiconductor TL494BD Datasheet HTML 10Page - ON Semiconductor TL494BD Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TL494, NCV494
http://onsemi.com
7
Figure 10. Error−Amplifier Characteristics
Figure 11. Deadtime and Feedback Control Circuit
Figure 12. Common−Emitter Configuration
Test Circuit and Waveform
+
+
Vin
Error Amplifier
Under Test
Feedback
Terminal
(Pin 3)
Other Error
Amplifier
Vref
VCC = 15V
150
2W
Output 1
Output 2
C1
E1
C2
E2
Ref
Out
Gnd
Output
Control
(+)
(+)
(−)
(−)
Feedback
Deadtime
Error
VCC
Test
Inputs
50k
RT
CT
150
2W
Figure 13. Emitter−Follower Configuration
Test Circuit and Waveform
RL
68
VC
CL
15pF
C
E
Q
Each
Output
Transistor
15V
90%
VCC
10%
90%
10%
tr
tf
RL
68
VEE
CL
15pF
C
E
Q
Each
Output
Transistor
15V
90%
VEE
10%
90%
10%
tr
tf
Gnd


Similar Part No. - TL494BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494BD ONSEMI-TL494BD Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BD ONSEMI-TL494BD Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BD ONSEMI-TL494BD Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
TL494BDG ONSEMI-TL494BDG Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDG ONSEMI-TL494BDG Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
More results

Similar Description - TL494BD

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com