Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHC244 Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74VHC244
Description  Octal Buffer /Line Driver NINV (3-state)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC244 Datasheet(HTML) 3 Page - Integral Corp.

  IN74VHC244 Datasheet HTML 1Page - Integral Corp. IN74VHC244 Datasheet HTML 2Page - Integral Corp. IN74VHC244 Datasheet HTML 3Page - Integral Corp. IN74VHC244 Datasheet HTML 4Page - Integral Corp. IN74VHC244 Datasheet HTML 5Page - Integral Corp. IN74VHC244 Datasheet HTML 6Page - Integral Corp. IN74VHC244 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74VHC244
Absolute maximum conditions*
Parameter, unit
Symbol
Value
min
max
Supply voltage, V
VCC
-0.5
7.0
Input voltage, V
Vin
-0.5
7.0
Output voltage, V
Vout
-0.5
Vcc+0.5V
Input diode current, mA
Iik
-20
Current of common output and supply
output, mA
Icc
± 75
Output current, mA
Iout
± 25
Output diode current, mA
Iok
± 20
Dissipated power, mW
Pd
180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is
guaranteed under maximum conditions
Maximum conditions
Symbol
Value
Parameter, unit
min
max
Supply voltage, V
VCC
2.0
5.5
Input voltage,V
Vin
0
VCC
Output voltage, V
Vout
0
VCC
Output current, mA
Iout
± 8.0
Input rise and fall time, ns/V
at Vcc = (3.3 ± 0.3) V
at Vcc = (5.0 ± 0.5) V
tLH, tHL
0
0
100
20
3


Similar Part No. - IN74VHC244

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC244 IKSEMICON-IN74VHC244 Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
IN74VHC244DW IKSEMICON-IN74VHC244DW Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
IN74VHC244N IKSEMICON-IN74VHC244N Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
More results

Similar Description - IN74VHC244

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHC244 KODENSHI-KK74VHC244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHC244 IKSEMICON-IN74VHC244 Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
Integral Corp.
IN74VHCT244 INTEGRAL-IN74VHCT244 Datasheet
283Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT244 KODENSHI-KK74VHCT244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT244 IKSEMICON-IN74VHCT244 Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com