Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHC244DW Datasheet(PDF) 7 Page - Integral Corp.

Part # IN74VHC244DW
Description  Octal Buffer /Line Driver NINV (3-state)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC244DW Datasheet(HTML) 7 Page - Integral Corp.

  IN74VHC244DW Datasheet HTML 1Page - Integral Corp. IN74VHC244DW Datasheet HTML 2Page - Integral Corp. IN74VHC244DW Datasheet HTML 3Page - Integral Corp. IN74VHC244DW Datasheet HTML 4Page - Integral Corp. IN74VHC244DW Datasheet HTML 5Page - Integral Corp. IN74VHC244DW Datasheet HTML 6Page - Integral Corp. IN74VHC244DW Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IN74VHC244
N SUFFIX PLASTIC DIP
(MS - 001AD)
Symbol
MIN
MAX
A
24.89
26.92
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 013AC)
Symbol
MIN
MAX
A
12.6
13
B
7.4
7.6
C
2.35
2.65
D
0.33
0.51
F
0.4
1.27
G
H
NOTES:
J
0
°
8
°
1. Dimensions A and B do not include mold flash or protrusion.
K
0.1
0.3
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
M
0.23
0.32
for A; for B ‑ 0.25 mm (0.010) per side.
P
10
10.65
R
0.25
0.75
Dimension, mm
1.27
9.53
Dimension, mm
2.54
7.62
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M T
-T-
1
20
10
11
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M T
-T-
C
1
20
10
11
7


Similar Part No. - IN74VHC244DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC244DW IKSEMICON-IN74VHC244DW Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
More results

Similar Description - IN74VHC244DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHC244 KODENSHI-KK74VHC244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHC244 IKSEMICON-IN74VHC244 Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
Integral Corp.
IN74VHCT244 INTEGRAL-IN74VHCT244 Datasheet
283Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT244 KODENSHI-KK74VHCT244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT244 IKSEMICON-IN74VHCT244 Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com