Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1000-029 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSC1000-029
Description  Analog Multiplexer Module (16 Channel)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSC1000-029 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSC1000-029 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSC1000-029 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO-9001 Registered
Specifications subject to change without notice
L-3 Communications Telemetry-East
47 Friends Lane, P.O. Box 328 • Newtown, PA 18940-0328
Telephone: (215) 497-8000 • Fax: (215) 968-3214
E-Mail: sales/mktg@te.L-3com.com • www.L-3com.com/te
Printed in USA
QN-0049.indd/03-02
MSC1000-029
ELECTRICAL SPECIFICATIONS
Excitation (Per Module)
Four voltage sources (+28V, +14.5V, +12V, and -14.5V)
Total RMU excitation at full load: 1.0 A minimum for positive supplies, 250 mA minimum for negative supplies.
Total RMU excitation current limit: 1.3 A maximum for positive supplies, 300 mA maximum for negative supplies.
Accuracy: ±1% of selected value for the +14.5V, +12V, and -14.5V supplies, ±3% for the +28V supply.
Load regulation: ±3% from no load to full load
Input Characteristics (Per Channel)
Full scale range equals 5VPP differential
Interfaceable with isolated sources
Input impedance: 1 Megohm minimum
AC CMR at a gain of 1 is 70 db at 400 Hz with a 1 Kohm unbalance
Overvoltage protection to ±32V
Gains (Per Channel)
Program selectable gains of 1, 2, 4, 8, 16, 32, and 64.
Gain accuracy: ±0.5% of selected value
Gain temperature stability: ±0.25% of selected value
Linearity: ±0.1% BSL
Channel Offset (Per Channel)
Program selectable in 2.44 mV steps from -5VDC to +5VDC referenced to output
Channel offset stability ±0.25% FS
Single pole RC filter (lowest frequency 10 Hz) designated by dash number: -xyz
where x = most significant digit
y = lease significant digit
z = number of zeroes
Cal Types
NCAL: Channel input is connected to NCAL DAC (0 to 5V in 1.22 mV increments). Accuracy at channel output: ±0.5%
FS, ±0.75% at a gain of 64. Temperature stability at the channel output: ±0.5% FS.
VCAL: Channel inputs are connected to system VCAL
ZCAL: Channel inputs are connected to signal ground.
Balance (Per Channel)
Algorithm type: Amplifier offset
Balance Algorithm accuracy: ±0.5% FS
Sample and Hold (Per Channel)
Occurs on word only
Maximum sample rate: 42 K samples per second.
Output (One A/D per module)
A 5 volt full scale analog signal at a gain of one (1), converted to 12 bit digital word (1.22 mV/bit)


Similar Part No. - MSC1000-029

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000MP STMICROELECTRONICS-MSC1000MP Datasheet
98Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
More results

Similar Description - MSC1000-029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com