Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494BDR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TL494BDR2
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494BDR2 Datasheet(HTML) 2 Page - ON Semiconductor

  TL494BDR2 Datasheet HTML 1Page - ON Semiconductor TL494BDR2 Datasheet HTML 2Page - ON Semiconductor TL494BDR2 Datasheet HTML 3Page - ON Semiconductor TL494BDR2 Datasheet HTML 4Page - ON Semiconductor TL494BDR2 Datasheet HTML 5Page - ON Semiconductor TL494BDR2 Datasheet HTML 6Page - ON Semiconductor TL494BDR2 Datasheet HTML 7Page - ON Semiconductor TL494BDR2 Datasheet HTML 8Page - ON Semiconductor TL494BDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL494, NCV494
http://onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
7.0
15
40
V
Collector Output Voltage
VC1, VC2
30
40
V
Collector Output Current (Each transistor)
IC1, IC2
200
mA
Amplified Input Voltage
Vin
−0.3
VCC − 2.0
V
Current Into Feedback Terminal
lfb
0.3
mA
Reference Output Current
lref
10
mA
Timing Resistor
RT
1.8
30
500
k
W
Timing Capacitor
CT
0.0047
0.001
10
mF
Oscillator Frequency
fosc
1.0
40
200
kHz
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Voltage (IO = 1.0 mA)
Vref
4.75
5.0
5.25
V
Line Regulation (VCC = 7.0 V to 40 V)
Regline
2.0
25
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
3.0
15
mV
Short Circuit Output Current (Vref = 0 V)
ISC
15
35
75
mA
OUTPUT SECTION
Collector Off−State Current
(VCC = 40 V, VCE = 40 V)
IC(off)
2.0
100
mA
Emitter Off−State Current
VCC = 40 V, VC = 40 V, VE = 0 V)
IE(off)
−100
mA
Collector−Emitter Saturation Voltage (Note 2)
Common−Emitter (VE = 0 V, IC = 200 mA)
Emitter−Follower (VC = 15 V, IE = −200 mA)
Vsat(C)
Vsat(E)
1.1
1.5
1.3
2.5
V
Output Control Pin Current
Low State (VOC v 0.4 V)
High State (VOC = Vref)
IOCL
IOCH
10
0.2
3.5
mA
mA
Output Voltage Rise Time
Common−Emitter (See Figure 12)
Emitter−Follower (See Figure 13)
tr
100
100
200
200
ns
Output Voltage Fall Time
Common−Emitter (See Figure 12)
Emitter−Follower (See Figure 13)
tf
25
40
100
100
ns
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.


Similar Part No. - TL494BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494BDR2 ONSEMI-TL494BDR2 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2 ONSEMI-TL494BDR2 Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2 ONSEMI-TL494BDR2 Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
TL494BDR2G ONSEMI-TL494BDR2G Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2G ONSEMI-TL494BDR2G Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
More results

Similar Description - TL494BDR2

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com