Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3843AD Datasheet(PDF) 5 Page - ON Semiconductor

Part # UC3843AD
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843AD Datasheet(HTML) 5 Page - ON Semiconductor

  UC3843AD Datasheet HTML 1Page - ON Semiconductor UC3843AD Datasheet HTML 2Page - ON Semiconductor UC3843AD Datasheet HTML 3Page - ON Semiconductor UC3843AD Datasheet HTML 4Page - ON Semiconductor UC3843AD Datasheet HTML 5Page - ON Semiconductor UC3843AD Datasheet HTML 6Page - ON Semiconductor UC3843AD Datasheet HTML 7Page - ON Semiconductor UC3843AD Datasheet HTML 8Page - ON Semiconductor UC3843AD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UC3842A, 43A UC2842A, 43A
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 8. Current Sense Input Threshold
versus Error Amp Output Voltage
Figure 9. Reference Voltage Change
versus Source Current
Figure 10. Reference Short Circuit Current
versus Temperature
Figure 11. Reference Load Regulation
Figure 12. Reference Line Regulation
2.0 ms/DIV
2.0 ms/DIV
VCC = 12 V to 25 V
TA = 25°C
0
20
40
60
80
100
120
Iref, REFERENCE SOURCE CURRENT (mA)
VCC = 15 V
TA = 55°C
TA = 125°C
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
RL ≤ 0.1 Ω
VCC = 15 V
IO = 1.0 mA to 20 mA
TA = 25°C
0
–4.0
–8.0
–12
–16
–20
–24
110
90
70
50
TA = 25°C
–20
10 M
10
f, FREQUENCY (Hz)
Gain
Phase
VCC = 15 V
VO = 2.0 V to 4.0 V
RL = 100 K
TA = 25°C
0
30
60
90
120
150
180
100
1.0 k
10 k
100 k
1.0 M
0
20
40
60
80
100
0
VO, ERROR AMP OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
4.0
6.0
8.0
VCC = 15 V
TA = 25°C
TA = –55°C
TA = 125°C


Similar Part No. - UC3843AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3843AD MOTOROLA-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3843AD TI-UC3843AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3843AD FAIRCHILD-UC3843AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3843AD MICROSEMI-UC3843AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3843AD ONSEMI-UC3843AD Datasheet
359Kb / 18P
   High Performance Current Mode Controllers
November, 2005 ??Rev. 8
More results

Similar Description - UC3843AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com