Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16240 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT16240 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74ALVT16240 is a high-performance BiCMOS device designed for VCC operation at
2.5 V or 3.3 V with I/O compatibility up to 5 V.
The 74ALVT16240 is an inverting 16-bit buffer that is ideal for driving bus lines. The device
features four output enable inputs (1OE, 2OE, 3OE, 4OE), each controlling four of the
3-state outputs.
2.
Features
s 5 V I/O compatible
s Live insertion and extraction permitted
s 3-state buffers
s Power-up 3-state
s Output capability: +64 mA and
−32 mA
s Latch-up protection:
x JESD 78 exceeds 500 mA
s Electrostatic discharge protection:
x MIL STD 883 method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
s Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
s 16-bit bus interface
s TTL input and output switching levels
s Input and output interface capability to systems at 5 V supply
s No bus current loading when output is tied to 5 V bus
3.
Quick reference data
74ALVT16240
16-bit inverting buffer/driver; 3-state
Rev. 03 — 4 July 2005
Product data sheet
Table 1:
Quick reference data
Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tPLH
propagation delay nAx
to nYx
CL = 50 pF; VCC = 2.5 V
1.0
2.5
3.7
ns
CL = 50 pF; VCC = 3.3 V
0.5
1.7
3.0
ns
tPHL
propagation delay nAx
to nYx
CL = 50 pF; VCC = 2.5 V
1.0
1.9
2.9
ns
CL = 50 pF; VCC = 3.3 V
0.5
1.7
2.6
ns
Ci
input capacitance on
nOE
VI = 0 V or VCC
-3
-pF


Similar Part No. - 74ALVT16240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241DGG PHILIPS-74ALVT16241DGG Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241DL PHILIPS-74ALVT16241DL Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results

Similar Description - 74ALVT16240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com