Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-K105-ML0B1 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-K105-ML0B1
Description  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K105-ML0B1 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-K105-ML0B1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
Red
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
O
340.0
540.0
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent
representative for further clarification/information.
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, minimum increment 1300 pcs (T-1 3/4)/1800 pcs (T-1)
02
Tape & Reel, straight leads, minimum increment 1300 pcs (T-1 3/4)/1800 pcs (T-1)
A1
Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
A2
Right Angle Housing, even leads, minimum increment 500 pcs/bag
B1
Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
B2
Right Angle Housing, even leads, minimum increment 500 pcs/bag
DD
Ammo Pack, straight leads in 2K increment
UQ
Ammo Pack, horizontal leads in 2K increment
Maximum tolerance for each bin limit is
± 18%.
6


Similar Part No. - HLMP-K105-ML0B1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K105-MP4A QT-HLMP-K105-MP4A Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-K105-MP4B QT-HLMP-K105-MP4B Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Similar Description - HLMP-K105-ML0B1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com